Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO16IS Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSO16IS Datasheet HTML 1Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 2Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 3Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 4Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 5Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 6Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 7Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 8Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
Features
•
3-axis accelerometer with selectable full scale: ±2/±4/±8/±16 g
•
3-axis gyroscope with selectable full scale: ±125/±250/±500/±1000/±2000 dps
•
Embedded ISPU: ultra-low-power, high-performance programmable core to
execute signal processing and AI algorithms in the edge for a seamless digital-
life experience
•
Low-power consumption: 0.59 mA in high-performance mode, 0.46 mA in low-
power mode (gyroscope + accelerometer only, ISPU not included)
•
Low noise: 70 μg/√Hz in high-performance mode
•
Sensor hub feature to efficiently collect data from additional external sensors (up
to 4 external sensors)
•
SPI / I²C serial interface
•
Analog supply voltage: 1.71 V to 3.6 V with independent IO supply (1.62 V)
•
Temperature range from -40 to +85 °C
•
Embedded temperature sensor
•
Compact footprint: 2.5 mm x 3 mm x 0.83 mm
•
ECOPACK and RoHS compliant
Applications
•
Complex motion detection and gesture recognition
•
Activity recognition and tracking
•
IoT and connected devices
•
Wearables and smart watches for sports and personal health
•
Smart pens, gaming and remote controllers
Description
The LSM6DSO16IS is a system-in-package featuring a 3-axis digital accelerometer
and a 3-axis digital gyroscope, boosting performance at 0.59 mA in high-performance
mode and enabling always-on low-power features for optimal motion results in
personal electronics and IoT solutions.
The LSM6DSO16IS has a full-scale acceleration range of ±2/±4/±8/±16 g and
an angular rate range of ±125/±250/±500/±1000/±2000 dps. The module features
programmable interrupts and an on-chip sensor hub which includes up to 6 sensors:
the internal accelerometer & gyroscope and 4 external sensors.
The LSM6DSO16IS embeds a new ST category of processing, ISPU (intelligent
sensor processing unit) to support real-time applications that rely on sensor data. The
ISPU is an ultra-low-power, high-performance programmable core which can execute
signal processing and AI algorithms in the edge. The main benefits of the ISPU are C
programming and an enhanced ecosystem with libraries and 3rd party tools/IDE.
Its optimized ultra-low-power hardware circuitry for real-time execution of the
algorithms is a state-of-the-art feature for any personal electronics, from wearable
accessories to high-end applications.
The LSM6DSO16IS is available in a plastic land grid array (LGA) package.
LSM6DSO16IS
LGA-14L
(2.5 x 3.0 x 0.83 mm) typ.
Product status link
LSM6DSO16IS
Product summary
Order code
LSM6DSO16ISTR
Temperature
range [°C]
-40 to +85
Package
LGA-14L
(2.5 x 3 x 0.83 mm)
Packing
Tape and reel
Product resources
TN0018 (Design and soldering)
Product label
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
with ISPU - intelligent sensor processing unit
LSM6DSO16IS
Datasheet
DS13892 - Rev 2 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSO16IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LSM6DSO16IS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com