Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO16IS Datasheet(PDF) 73 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 73 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 69Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 70Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 71Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 72Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 73Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 74Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 75Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 76Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
13.7
ISPU_GRAW_Y_L (6890h), ISPU_GRAW_Y_L (6891h)
ISPU read access (6890h, 6891h)
Table 258. ISPU_GRAW_Y_L registers
ISPU_
GRAW_Y_7
ISPU_
GRAW_Y_6
ISPU_
GRAW_Y_5
ISPU_
GRAW_Y_4
ISPU_
GRAW_Y_3
ISPU_
GRAW_Y_2
ISPU_
GRAW_Y_1
ISPU_
GRAW_Y_0
Table 259. ISPU_GRAW_Y_H registers
ISPU_
GRAW_Y_15
ISPU_
GRAW_Y_14
ISPU_
GRAW_Y_13
ISPU_
GRAW_Y_12
ISPU_
GRAW_Y_11
ISPU_
GRAW_Y_10
ISPU_
GRAW_Y_9
ISPU_
GRAW_Y_8
Table 260. ISPU_GRAW_Y register description
ISPU_GRAW_Y_[15:0]
Gyroscope roll axis output expressed in two’s complement.
13.8
ISPU_GRAW_Z_L (6894h), ISPU_GRAW_Z_H (6895h)
ISPU read access (6894h, 6895h)
Table 261. ISPU_GRAW_Z_L registers
ISPU_
GRAW_Z_7
ISPU_
GRAW_Z_6
ISPU_
GRAW_Z_5
ISPU_
GRAW_Z_4
ISPU_
GRAW_Z_3
ISPU_
GRAW_Z_2
ISPU_
GRAW_Z_1
ISPU_
GRAW_Z_0
Table 262. ISPU_GRAW_Z_H registers
ISPU_
GRAW_Z_15
ISPU_
GRAW_Z_14
ISPU_
GRAW_Z_13
ISPU_
GRAW_Z_12
ISPU_
GRAW_Z_11
ISPU_
GRAW_Z_10
ISPU_
GRAW_Z_9
ISPU_
GRAW_Z_8
Table 263. ISPU_GRAW_Z register description
ISPU_GRAW_Z_[15:0]
Gyroscope yaw axis output expressed in two’s complement.
13.9
ISPU_ERAW_0_L (6898h), ISPU_ERAW_0_H (6899h)
ISPU read access (6898h, 6899h)
Table 264. ISPU_ERAW_0_L registers
ISPU_
ERAW_0_7
ISPU_
MERAW_0_6
ISPU_
ERAW_0_5
ISPU_
ERAW_0_4
ISPU_
ERAW_0_3
ISPU_
ERAW_0_2
ISPU_
ERAW_0_1
ISPU_
ERAW_0_0
Table 265. ISPU_ERAW_0_H registers
ISPU_
ERAW_0_15
ISPU_
ERAW_0_14
ISPU_
ERAW_0_13
ISPU_
ERAW_0_12
ISPU_
ERAW_0_11
ISPU_
ERAW_0_10
ISPU_
ERAW_0_9
ISPU_
ERAW_0_8
Table 266. ISPU_ERAW_0 register description
ISPU_ERAW_0_[15:0]
External sensor data from SENSOR_HUB_1 and SENSOR_HUB_2.
LSM6DSO16IS
ISPU_GRAW_Y_L (6890h), ISPU_GRAW_Y_L (6891h)
DS13892 - Rev 2
page 73/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com