Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO16IS Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM6DSO16IS
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 29Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 30Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 31Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 32Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 33Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 34Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 35Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 36Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
9.5
INT2_CTRL (0Eh)
INT2 pin control register (R/W)
The output of the INT2 pin is the OR combination of the signals selected here and in register MD2_CFG (5Fh).
Table 26. INT2_CTRL register
INT2_SLEEP
_ISPU
0(1)
0(1)
0(1)
0(1)
INT2_
DRDY_TEMP
INT2_
DRDY_G
INT2_
DRDY_XL
1. This bit must be set to 0 for the correct operation of the device.
Table 27. INT2_CTRL register description
INT2_SLEEP_ISPU
Enables ISPU sleep state signal on the INT2 pin. Default value: 0
(0: disabled; 1: enabled)
When enabled:
•
INT2 low: ISPU is running;
•
INT2 high: ISPU is in sleep state.
INT2_DRDY_TEMP
Enables temperature sensor data-ready interrupt on the INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_G
Enables gyroscope data-ready interrupt on the INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_XL
Enables accelerometer data-ready interrupt on the INT2 pin. Default value: 0
(0: disabled; 1: enabled)
9.6
WHO_AM_I (0Fh)
WHO_AM_I register (R). This is a read-only register. Its value is fixed at 22h.
Table 28. WHO_AM_I register
0
0
1
0
0
0
1
0
LSM6DSO16IS
INT2_CTRL (0Eh)
DS13892 - Rev 2
page 33/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com