Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 223 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 223 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 227Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 1302 page
background image
Features
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
5-9
Figure 5-3. Three-Stage Load/Store Unit
The LSU has the following features:
— 3-cycle load latency
— Fully pipelined
— The load miss queue allows up to four load misses before stalling.
— Load hits can continue to be serviced when the load miss queue is full.
— Seven-entry L1 store queue allows full pipelining of stores
— The three-entry data line fill buffer is used for loads and cacheable stores. Stores are
allocated here so loads can access data from the store immediately.
— The data write buffer contains three entries: one dedicated for snoop pushes, one
dedicated for cast outs, and one that can be used for snoop pushes or cast outs.
•
Cache coherency
— Supports four-state cache coherency: modified-exclusive, exclusive, shared, and invalid
(MESI)
— Bus support for hardware-enforced coherency (bus snooping)
•
Core complex bus (CCB)—internal bus
— High-speed, on-chip local bus with data tagging
— 32-bit address bus
— Address protocol with address pipelining and retry/copyback derived from bus used by
previous generations of PowerPC processors (referred to as the 60x bus)
— Two general-purpose read data buses and one write data bus
Reservation
Station
Load/Store Unit
(64-/32-Bit)
Load
Data Line
Fill Buffer
Data Write
Buffer
L1 Store
Queue
Miss
Queue
To Core Interface Unit
To data cache
To GPR operand bus
To completion queue
To GPRs
Three-Stage Pipeline
Queues and Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com