Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 226 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 226 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
5-12
Freescale Semiconductor
Core Complex Overview
5.4
Instruction Set
The e500 implements the following instructions:
•
The Book E instruction set for 32-bit implementations. This is composed primarily of the
user-level instructions defined by the PowerPC user instruction set architecture (UISA).
The e500 does not include Book E floating-point, load string, or store string instructions.
•
The e500 supports the following implementation-specific instructions:
— Integer select APU. This APU consists of the Integer Select instruction (isel), which
functions as an if
-then-else statement that selects between two source registers by
comparison to a CR bit. This instruction eliminates conditional branches, decreases
band latency, and reduces the code footprint.
— Performance monitor APU. Table 5-2 lists performance monitor APU instructions.
— Cache line lock and unlock APU. The cache block lock and unlock APU consists of the
instructions described in Table 5-3.
— Machine check APU. This APU defines the Return from Machine Check Interrupt
instruction (rfmci).
— SPE APU vector instructions. New vector instructions are defined that view the 64-bit
GPRs as being composed of a vector of two 32-bit elements (some of the instructions
also read or write 16-bit elements). Some scalar instructions are defined for DSP that
produce a 64-bit scalar result.
— The embedded floating-point APUs provide single-precision scalar and vector
floating-point instructions. Scalar floating-point instructions use only the lower 32 bits
of the GPRs for single-precision floating-point calculations. Table 5-4 lists embedded
floating-point instructions.
Table 5-2. Performance Monitor APU Instructions
Name
Mnemonic
Syntax
Move from Performance Monitor Register
mfpmr
rD,PMRN
Move to Performance Monitor Register
mtpmr
PMRN,rS
Table 5-3. Cache Block Lock and Unlock APU Instructions
Name
Mnemonic
Syntax
Data Cache Block Lock Clear
dcblc
CT, rA, rB
Data Cache Block Touch and Lock Set
dcbtls
CT, rA, rB
Data Cache Block Touch for Store and Lock Set
dcbtstls
CT, rA, rB
Instruction Cache Block Lock Clear
icblc
CT, rA, rB
Instruction Cache Block Touch and Lock Set
icbtls
CT, rA, rB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com