Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 124Page - STMicroelectronics STM32W108HB Datasheet HTML 125Page - STMicroelectronics STM32W108HB Datasheet HTML 126Page - STMicroelectronics STM32W108HB Datasheet HTML 127Page - STMicroelectronics STM32W108HB Datasheet HTML 128Page - STMicroelectronics STM32W108HB Datasheet HTML 129Page - STMicroelectronics STM32W108HB Datasheet HTML 130Page - STMicroelectronics STM32W108HB Datasheet HTML 131Page - STMicroelectronics STM32W108HB Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
128/278
Doc ID 16252 Rev 14
9.8.3
Serial controller interrupt control register 1 (SCx_ICR)
Address offset: 0xA854 (SC1_ICR) and 0xA858 (SC2_ICR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
IDLELEVEL: Trigger event configuration to generate the IDLE interrupt
TXELEVEL: Trigger event configuration to generate the TXE interrupt
RNXNELEVEL: Trigger event configuration to generate the RXNE interrupt
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
IDLE
LEVEL
TXE
LEVEL
RXNE
LEVEL
rw
rw
rw
Bits [31:3]
Bit 2
This bit is set and cleared by software.
0: Idle interrupt is generated on edge
1: Idle interrupt is generated on level
Bit 1
This bit is set and cleared by software.
0: TXE interrupt is generated on edge
1: TXE interrupt is generated on level
Bit 0
This bit is set and cleared by software.
0: RXNE interrupt is generated on edge
1: RXNE interrupt is generated on level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com