Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 123Page - STMicroelectronics STM32W108HB Datasheet HTML 124Page - STMicroelectronics STM32W108HB Datasheet HTML 125Page - STMicroelectronics STM32W108HB Datasheet HTML 126Page - STMicroelectronics STM32W108HB Datasheet HTML 127Page - STMicroelectronics STM32W108HB Datasheet HTML 128Page - STMicroelectronics STM32W108HB Datasheet HTML 129Page - STMicroelectronics STM32W108HB Datasheet HTML 130Page - STMicroelectronics STM32W108HB Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
127/278
Bit 8 NACKIE: I2C not acknowledge received interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An I2C not acknowledge interrupt is generated whenever NACK=1 in the SCx_I2CSR
register.
Bit 7 CMDFINIE: I2C command complete detection interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An I2C command complete interrupt is generated whenever CMDFIN=1 in the SCx_I2CSR
register.
Bit 6 BTFIE: I2C byte transmit finished interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An I2C byte transmit complete interrupt is generated whenever BTF=1 in the SCx_I2CSR
register.
Bit 5 BRFIE: I2C byte receive finished interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An I2C byte receive complete interrupt is generated whenever BRF=1 in the SCx_I2CSR
register.
Bit 4 UDRIE: Underrun interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An underrun interrupt is generated whenever UND=1 in the SCx_ISR register
Bit 3 OVRIE: Overrun interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An overrun interrupt is generated whenever OVR=1 in the SCx_SPISR register or OVR=1
in the SCx_UARTSR register or OVRA/OVRB in the SCx_DMASR register.
Bit 2 IDLEIE: Line detected interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An idel line detect interrupt is generated whenever IDLE=1 in the SCx_SPISR register or
IDLE=1 in the SCx_UARTSR register.
Bit 1 TXEIE: Transmit data register empty interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A transmit data register empty interrupt is generated whenever TXE=1 in the SCx_SPISR
register or TXE=1 in the SCx_UARTSR register.
Bit 0 RXNEIE: Data register not empty interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A data register not empty interrupt is generated whenever RXNE=1 in the SCx_SPISR
register or RXNE=1 in the SCx_UARTSR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com