Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 127Page - STMicroelectronics STM32W108HB Datasheet HTML 128Page - STMicroelectronics STM32W108HB Datasheet HTML 129Page - STMicroelectronics STM32W108HB Datasheet HTML 130Page - STMicroelectronics STM32W108HB Datasheet HTML 131Page - STMicroelectronics STM32W108HB Datasheet HTML 132Page - STMicroelectronics STM32W108HB Datasheet HTML 133Page - STMicroelectronics STM32W108HB Datasheet HTML 134Page - STMicroelectronics STM32W108HB Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
131/278
9.9
Serial controller: Serial peripheral interface (SPI) registers
9.9.1
Serial controller SPI status register (SCx_SPISR)
Address offset: 0xC840 (SC1_SPISR) and 0xC040 (SC2_SPISR)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
IDLE: Idle line detected flag
TXE: Transmit data register empty flag (transmitters)
RXNE: Data register not empty flag (receivers)
OVF: Overrun flag
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
IDLE
TXE
RXNE
OVF
rr
r
r
Bits [31:4]
Bit 3
This bit is set by hardware when both the transmit FIFO and the transmit serializer are empty.
An interrupt is generated if IDLEIE=1 in the SCx_IER register.
0: No SPI idle line is detected
1: SPI idle line is detected
Bit 2
This bit is set by hardware when the transmit FIFO has space to accept at least one byte. An
interrupt is generated if TXEIE = 1 in the SCx_IER register.
0: SPI FIFO registers not empty
1: SPI FIFO registers empty
Bit 1
This bit is set by hardware when the receiver FIFO contains at least one byte. An interrupt is
generated if RXNEIE=1 in the SCx_IER register.
0: Data is not received
1: Received data is ready to be read
Bit 0
This flag is set by hardware when data are received and the receiver FIFO is full. As a result,
the incoming data are lost. It is cleared by software reading the SCx_DR register. An interrupt
is generated if OVRIE=1 in the SCx_IER register.
0: No overrun error occurred
1: Overrun error occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com