Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 134Page - STMicroelectronics STM32W108HB Datasheet HTML 135Page - STMicroelectronics STM32W108HB Datasheet HTML 136Page - STMicroelectronics STM32W108HB Datasheet HTML 137Page - STMicroelectronics STM32W108HB Datasheet HTML 138Page - STMicroelectronics STM32W108HB Datasheet HTML 139Page - STMicroelectronics STM32W108HB Datasheet HTML 140Page - STMicroelectronics STM32W108HB Datasheet HTML 141Page - STMicroelectronics STM32W108HB Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
138/278
Doc ID 16252 Rev 14
9.11.3
Serial controller UART baud rate register 1 (SC1_UARTBRR1)
Address offset: 0xC868
Reset value:
0x0000 0000
Reserved, must be kept at reset value
N[15:0]: The integer part of baud rate period (N) in the equation:
Bit 3 PCE: Parity control enable
This bit selects the hardware parity control (generation and detection). When the parity
control is enabled, the computed parity is inserted at the MSB position (9th bit if M=1; 8th bit
if M=0) and parity is checked on the received data. This bit is set and cleared by software.
0: Parity control disabled.
1: Parity control enabled.
Bit 2 STOP: Number of stop bits t
This bit is used for programming the stop bits.
0: 1 stop bit
1: 2 stop bits
Bit 1 M: Word length
This bit determines the word length. It is set or cleared by software.
0: 1 start bit, 7 data bits, parity bit if enabled, n stop bit
1: 1 start bit, 8 data bits, parity bit if enabled, n stop bit
Bit 0 nRTS: Request to send
This bit controls the flow of the serial data received from another device. This bit directly
controls the output at the nRTS pin (HFCE bit must be set and AHFCE bit must be cleared). It
is set or cleared by software.
0: nRTS is deasserted (pin is high, 'XOFF', RS232 negative voltage); the other device's
transmission is inhibited.
1: nRTS is asserted (pin is low, 'XON', RS232 positive voltage); the other device's
transmission is enabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
N[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit [31:16]
Bits [15:0]
Rate = 24 MHz / ( (2 * N) + F )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com