Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 161 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 157Page - STMicroelectronics STM32W108HB Datasheet HTML 158Page - STMicroelectronics STM32W108HB Datasheet HTML 159Page - STMicroelectronics STM32W108HB Datasheet HTML 160Page - STMicroelectronics STM32W108HB Datasheet HTML 161Page - STMicroelectronics STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics STM32W108HB Datasheet HTML 164Page - STMicroelectronics STM32W108HB Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
161/278
Figure 20.
Counter timing diagram, update event when ARPE = 1 (TIMx_ARR
buffered)
Down-counting mode
In down-counting mode, the counter counts from the auto-reload value (contents of the
TIMx_ARR register) down to 0, then restarts from the auto-reload value and generates a
counter underflow event.
An update event can be generated at each counter underflow, by setting the UG bit in the
TIMx_EGR register, or by using the slave mode controller). Software can disable the update
event by setting the UDIS bit in the TIMx_CR1 register, to avoid updating the shadow
registers while writing new values in the buffer registers. No update event occurs until the
UDIS bit is written to 0. However, the counter restarts from the current auto-reload value,
whereas the prescalar's counter restarts from 0, but the prescale rate doesn't change.
In addition, if the URS bit in the TIMx_CR1 register is set, setting the UG bit generates an
update event, but without setting the UIF flag. Thus no interrupt request is sent. This avoids
generating both update and capture interrupts when clearing the counter on the capture
event.
When an update event occurs, the update flag (the UIF bit in the TIMx_SR register) is set
(depending on the URS bit in the TIMx_CR1 register) and the following registers are
updated:
●
The prescaler shadow register is reloaded with the buffer value (contents of the
TIMx_PSC register).
●
The auto-reload active register is updated with the buffer value (contents of the
TIMx_ARR register). The auto-reload is updated before the counter is reloaded, so that
the next period is the expected one.
Figure 21 and Figure 22 show some examples of the counter behavior for different clock
frequencies when TIMx_ARR = 0x36.
00
CNT_EN
Timer clock = CK_CNT
Counter register
Update interrupt flag (UIF)
Counter overflow
Update event (UEV)
01 02 03 04 05 06 07
F1 F2 F3 F4 F5
F0
Auto-reload buffer register
F5
36
Auto-reload shadow register
F5
36
Write a new value in TIMx_ARR
CK_PSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com