Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 161Page - STMicroelectronics STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics STM32W108HB Datasheet HTML 164Page - STMicroelectronics STM32W108HB Datasheet HTML 165Page - STMicroelectronics STM32W108HB Datasheet HTML 166Page - STMicroelectronics STM32W108HB Datasheet HTML 167Page - STMicroelectronics STM32W108HB Datasheet HTML 168Page - STMicroelectronics STM32W108HB Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
165/278
10.1.3
Clock selection
The counter clock can be provided by the following clock sources:
●
Internal clock (PCLK)
●
External clock mode 1: external input pin (TIy)
●
External clock mode 2: external trigger input (ETR)
●
Internal trigger input (ITR0): using the other timer as prescaler. Refer to the Using one
timer as prescaler for the other timer for more details.
Internal clock source (CK_INT)
The internal clock is selected when the slave mode controller is disabled (SMS = 000 in the
TIMx_SMCR register). In this mode, the CEN, DIR (in the TIMx_CR1 register), and UG bits
(in the TIMx_EGR register) are actual control bits and can be changed only by software,
except for UG, which remains cleared automatically. As soon as the CEN bit is written to 1,
the prescaler is clocked by the internal clock CK_INT.
Figure 26 shows the behavior of the control circuit and the up-counter in normal mode,
without prescaling.
Figure 26.
Control circuit in Normal mode, internal clock divided by 1
External clock source mode 1
This mode is selected when SMS = 111 in the TIMx_SMCR register. The counter can count
at each rising or falling edge on a selected input.
CK_INT
00
Counter clock = CK_CNT = CK_PSC
COUNTER REGISTER
01 02 03 04 05 06 07
32 33 34 35 36
31
CEN=CNT_EN
UG
CNT_INIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com