Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics STM32W108HB Datasheet HTML 164Page - STMicroelectronics STM32W108HB Datasheet HTML 165Page - STMicroelectronics STM32W108HB Datasheet HTML 166Page - STMicroelectronics STM32W108HB Datasheet HTML 167Page - STMicroelectronics STM32W108HB Datasheet HTML 168Page - STMicroelectronics STM32W108HB Datasheet HTML 169Page - STMicroelectronics STM32W108HB Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
166/278
Doc ID 16252 Rev 14
Figure 27.
TI2 external clock connection example
For example, to configure the up-counter to count in response to a rising edge on the TI2
input, use the following procedure:
1.
Configure channel 2 to detect rising edges on the TI2 input by writing CC2S = 01 in the
TIMx_CCMR1 register.
2.
Configure the input filter duration by writing the IC2F bits in the TIMx_CCMR1 register
(if no filter is needed, keep IC2F = 0000).
Note:
The capture prescaler is not used for triggering, so it does not need to be configured.
3.
Select rising edge polarity by writing CC2P = 0 in the TIMx_CCER register.
4.
Configure the timer in external clock mode 1 by writing SMS = 111 in the TIMx_SMCR
register.
5.
Select TI2 as the input source by writing TS = 110 in the TIMx_SMCR register.
6.
Enable the counter by writing CEN = 1 in the TIMx_CR1 register.
When a rising edge occurs on TI2, the counter counts once and the TIE flag is set.
The delay between the rising edge on TI2 and the actual clock of the counter is due to the
resynchronization circuit on the TI2 input.
Figure 28.
Control circuit in External Clock mode 1
CK_INT
Encoder
mode
External clock
mode 1
External clock
mode 2
Internal clock
mode
ETRF
TRGI
TI1F
TI2F
or
or
CK_PSC
TIMx_SMCR
SMS[2:0]
ITRx
TI1F_ED
TI1FP1
TI2FP2
ETRF
TIMx_SMCR
TS[2:0]
TI2
0
1
TIMx_CCER
CC2P
Filter
IC2F[3:0]
TIMx_CCMR1
Edge
detector
TI2F_rising
TI2F_falling
110
001
100
101
111
(Internal clock)
or
ECE
Counter clock = CK_CNT = CK_PSC
Counter register
35
36
34
TI2
CNT_EN
TIE
Write UIE=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com