Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 227 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 223Page - STMicroelectronics STM32W108HB Datasheet HTML 224Page - STMicroelectronics STM32W108HB Datasheet HTML 225Page - STMicroelectronics STM32W108HB Datasheet HTML 226Page - STMicroelectronics STM32W108HB Datasheet HTML 227Page - STMicroelectronics STM32W108HB Datasheet HTML 228Page - STMicroelectronics STM32W108HB Datasheet HTML 229Page - STMicroelectronics STM32W108HB Datasheet HTML 230Page - STMicroelectronics STM32W108HB Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Analog-to-digital converter
Doc ID 16252 Rev 14
227/278
11.3
Analog-to-digital converter (ADC) registers
11.3.1
ADC interrupt status register (ADC_ISR)
Address offset: 0xA810
Reset value:
0x0000 0000
Reserved, must be kept at reset value
DMAOVF: DMA buffer overflow interrupt pending
SAT: Gain correction saturation interrupt pending
DMABF: DMA buffer full interrupt pending
DMABHF: DMA buffer half full interrupt pending
Reserved: this bit should always be set to 1
11.3.2
ADC interrupt enable register (ADC_IER)
Address offset: 0xA850
Reset value:
0x0000 0000
Reserved, must be kept at reset value
DMAOVFIE: DMA buffer overflow interrupt enable
SATIE: Gain correction saturation interrupt enable
DMABFIE: DMA buffer full interrupt enable
DMABHFIE: DMA buffer half full interrupt enable
Reserved: this bit must always be set to 0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DMA
OVF
SAT
DMA
BF
DMA
BHF
Reserved
rw
rw
rw
rw
Bits [31:5]
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DMA
OVFIE
SATIE
DMA
BFIE
DMA
BHFIE
Reserved
rw
rw
rw
rw
Bits [31:5]
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com