Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 225Page - STMicroelectronics STM32W108HB Datasheet HTML 226Page - STMicroelectronics STM32W108HB Datasheet HTML 227Page - STMicroelectronics STM32W108HB Datasheet HTML 228Page - STMicroelectronics STM32W108HB Datasheet HTML 229Page - STMicroelectronics STM32W108HB Datasheet HTML 230Page - STMicroelectronics STM32W108HB Datasheet HTML 231Page - STMicroelectronics STM32W108HB Datasheet HTML 232Page - STMicroelectronics STM32W108HB Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Analog-to-digital converter
Doc ID 16252 Rev 14
229/278
11.3.4
ADC offset register (ADC_OFFSETR)
Address offset: 0xD008
Reset value:
0x0000 0000
Reserved, must be kept at reset value
OFFSET[15:0]:
11.3.5
ADC gain register (ADC_GAINR)
Address offset: 0xD00C
Reset value:
0x0000 8000
Reserved, must be kept at reset value
GAIN[15:0]:
Bit 1 Reserved: This bit must always be set to 0
Bit 0 ADON: A/D converter on/off
This bit is set and cleared by software. Write 1 to enable continuous conversions and write 0
to stop. When the ADC is started, the first conversion takes twice the usual number of clocks
plus 21 microseconds. If anything in this register is modified while the ADC is running, the
next conversion takes twice the usual number of clocks.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OFFSET[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
16-bit signed offset added to the basic ADC conversion result before gain correction is
applied.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
GAIN[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16]
Bits [15:0]
Gain factor that is multiplied by the offset-corrected ADC result to produce the output value.
The gain is a 16-bit unsigned scaled integer value with a binary decimal point between bits 15
and 14. It can represent values from 0 to (almost) 2. The reset value is a gain factor of 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com