Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 222Page - STMicroelectronics STM32W108HB Datasheet HTML 223Page - STMicroelectronics STM32W108HB Datasheet HTML 224Page - STMicroelectronics STM32W108HB Datasheet HTML 225Page - STMicroelectronics STM32W108HB Datasheet HTML 226Page - STMicroelectronics STM32W108HB Datasheet HTML 227Page - STMicroelectronics STM32W108HB Datasheet HTML 228Page - STMicroelectronics STM32W108HB Datasheet HTML 229Page - STMicroelectronics STM32W108HB Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 278 page
background image
Analog-to-digital converter
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
226/278
Doc ID 16252 Rev 14
11.2
Interrupts
Four kinds of ADC events can generate an ADC interrupt, and each has a bit flag in the
ADC_ISR register to identify the reason(s) for the interrupt:
●
DMAOVF – an ADC conversion result was ready but the DMA was disabled (DMA
buffer overflow).
●
SAT – the gain correction multiplication exceeded the limits for a signed 16-bit number
(gain saturation).
●
DMABF – the DMA wrote to the last location in the buffer (DMA buffer full).
●
DMABHF – the DMA wrote to the last location of the first half of the DMA buffer (DMA
buffer half full).
Bits in ADC_ISR may be cleared by writing a 1 to their position.
The ADC_IER register controls whether or not ADC_ISR bits actually request the ARM®
Cortex-M3 ADC interrupt; only the events whose bits are 1 in ADC_IER can do so.
For non-interrupt (polled) ADC operation set ADC_IER to zero, and read the bit flags in
ADC_ISR to determine the ADC status.
Note:
When making changes to the ADC configuration it is best to disable the DMA beforehand. If
this isn’t done it can be difficult to determine at which point the sample data in the DMA
buffer switch from the old configuration to the new configuration. However, since the ADC
will be left running, if it completes a conversion after the DMA is disabled, the DMAOVF flag
will be set. To prevent these unwanted DMA buffer overflow indications, clear the DMAOVF
flag immediately after enabling the DMA, preferably with interrupts off. Disabling the ADC in
addition to the DMA is often undesirable because of the additional analog startup time when
it is re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com