Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 249 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 249 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 243Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 244Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 245Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 246Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 247Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 248Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 249Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 250Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 251Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 249 / 251 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4226636/A 03/2021
www.ti.com
FCBGA - 2.57 mm max height
ALZ0770A
BALL GRID ARRAY
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 0.225X
(0.8) TYP
(0.8) TYP
770X (Ø 0.4)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
SOLDER MASK DETAILS
NOT TO SCALE
Ø 0.4
(METAL)
SOLDER MASK
OPENING
0.07 MAX
EXPOSED METAL
NON-SOLDER MASK
DEFINED
(PREFERRED)
(Ø 0.4)
SOLDER MASK
OPENING
0.07 MAX
METAL UNDER
SOLDERMASK
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com