| Electronic Components Datasheet Search |
|
TDA4AL...ALZQ1 Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AL...ALZQ1 Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 251 page ![]() 6.3.23 CPTS 6.3.23.1 MAIN Domain Table 6-98. CPTS0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN CPTS0_RFT_CLK I CPTS Reference Clock AB26 CPTS0_TS_COMP O CPTS Time Stamp Counter Compare AF26 CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit R24 CPTS0_HW1TSPUSH I CPTS Hardware Time Stamp Push 1 AB26 CPTS0_HW2TSPUSH I CPTS Hardware Time Stamp Push 2 AD28 6.3.23.2 MCU Domain Table 6-99. MCU_CPTS0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCU_CPTS0_RFT_CLK I CPTS Reference Clock F27, K26 MCU_CPTS0_TS_COMP O CPTS Time Stamp Counter Compare H26 MCU_CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit F24 MCU_CPTS0_HW1TSPUSH I CPTS Hardware Time Stamp Push 1 E25 MCU_CPTS0_HW2TSPUSH I CPTS Hardware Time Stamp Push 2 F28 6.3.24 DSS 6.3.24.1 MAIN Domain Table 6-100. DSS0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN DSS_FSYNC0 O Video Output Frame Sync V26, W25 DSS_FSYNC1 O Video Output Frame Sync AC24, AD24 DSS_FSYNC2 O Video Output Frame Sync AE28 DSS_FSYNC3 O Video Output Frame Sync AF28 VOUT0_DE O Video Output Data Enable AA28 VOUT0_EXTPCLKIN I Video Output External Pixel Clock Input V26 VOUT0_HSYNC O Video Output Horizontal Sync U26 VOUT0_PCLK O Video Output Pixel Clock Output Y25 VOUT0_VSYNC O Video Output Vertical Sync AD27 VOUT0_DATA0 O Video Output Data 0 R28 VOUT0_DATA1 O Video Output Data 1 R27 VOUT0_DATA2 O Video Output Data 2 T27 VOUT0_DATA3 O Video Output Data 3 U28 VOUT0_DATA4 O Video Output Data 4 W28 VOUT0_DATA5 O Video Output Data 5 AC27 VOUT0_DATA6 O Video Output Data 6 AA26 VOUT0_DATA7 O Video Output Data 7 AA27 VOUT0_DATA8 O Video Output Data 8 Y27 VOUT0_DATA9 O Video Output Data 9 W27 VOUT0_DATA10 O Video Output Data 10 V27 VOUT0_DATA11 O Video Output Data 11 AB27 VOUT0_DATA12 O Video Output Data 12 Y26 VOUT0_DATA13 O Video Output Data 13 AC28 VOUT0_DATA14 O Video Output Data 14 U27 TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 84 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |