Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 53 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 49Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 50Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 51Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 52Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 53Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 54Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 55Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 56Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
A1, A18, AA1,
G10, G12,
G14, G6,
H11, H13,
H15, J6, L6,
N6, N9, P7,
P8, R6, U9
VDDS_DDR
VDDS_DDR
PWR
R9
VDDS_DDR_C0
VDDS_DDR_C0
PWR
J12
VDDS_DDR_C1
VDDS_DDR_C1
PWR
Y7, Y8
VDDS_MMC0
VDDS_MMC0
PWR
AA21, AB20,
J13, J15,
M16, M19,
N10, P18,
R17, R19,
T10, T20,
U15, U17,
U8, V14, V18,
V20, V7, V9,
W10, W13,
W15, W17,
W19, W21,
W8, Y12,
Y22, Y9
VDD_CORE
VDD_CORE
PWR
G8, H7, J8,
K11, K13, K7,
K9, L8, M14,
M7, M9, N11,
N15, P16,
R13, R15,
T12, T14,
U11, U13
VDD_CPU
VDD_CPU
PWR
K16, K18,
L15, L17, L19
VDD_MCU
VDD_MCU
PWR
J19
VDD_MCU_WAKE1
VDD_MCU_WAKE1
PWR
P20
VDD_WAKE0
VDD_WAKE0
PWR
H23
VMON1_ER_VSYS
VMON1_ER_VSYS
A
M18
VMON2_IR_VCPU
VMON2_IR_VCPU
A
L22
VMON3_IR_VEXT1P8
VMON3_IR_VEXT1P8
A
N19
VMON4_IR_VEXT1P8
VMON4_IR_VEXT1P8
A
N20
VMON5_IR_VEXT3P3
VMON5_IR_VEXT3P3
A
L18
VMON6_IR_VEXT0P8
VMON6_IR_VEXT0P8
A
V22
VPP_CORE
VPP_CORE
PWR
H22
VPP_MCU
VPP_MCU
PWR
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com