| Electronic Components Datasheet Search |
|
TDA4AL...ALZQ1 Datasheet(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AL...ALZQ1 Datasheet(HTML) 82 Page - Texas Instruments |
|
82 / 251 page ![]() Table 6-91. MCASP0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP0_AXR14 IO MCASP Serial Data (Input/Output) U24 MCASP0_AXR15 IO MCASP Serial Data (Input/Output) AC25 Table 6-92. MCASP1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP1_ACLKR IO MCASP Receive Bit Clock AA28 MCASP1_ACLKX IO MCASP Transmit Bit Clock AA24 MCASP1_AFSR IO MCASP Receive Frame Sync AD27 MCASP1_AFSX IO MCASP Transmit Frame Sync V28 MCASP1_AXR0 IO MCASP Serial Data (Input/Output) T28 MCASP1_AXR1 IO MCASP Serial Data (Input/Output) V27 MCASP1_AXR2 IO MCASP Serial Data (Input/Output) W27 MCASP1_AXR3 IO MCASP Serial Data (Input/Output) AD26 MCASP1_AXR4 IO MCASP Serial Data (Input/Output) U25 Table 6-93. MCASP2 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP2_ACLKR IO MCASP Receive Bit Clock AB25 MCASP2_ACLKX IO MCASP Transmit Bit Clock Y27 MCASP2_AFSR IO MCASP Receive Frame Sync T23 MCASP2_AFSX IO MCASP Transmit Frame Sync AA27 MCASP2_AXR0 IO MCASP Serial Data (Input/Output) AA26 MCASP2_AXR1 IO MCASP Serial Data (Input/Output) AC27 MCASP2_AXR2 IO MCASP Serial Data (Input/Output) W28 MCASP2_AXR3 IO MCASP Serial Data (Input/Output) R28 MCASP2_AXR4 IO MCASP Serial Data (Input/Output) U24 Table 6-94. MCASP3 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP3_ACLKR IO MCASP Receive Bit Clock AE27 MCASP3_ACLKX IO MCASP Transmit Bit Clock AE27 MCASP3_AFSR IO MCASP Receive Frame Sync AF26 MCASP3_AFSX IO MCASP Transmit Frame Sync AF26 MCASP3_AXR0 IO MCASP Serial Data (Input/Output) AH27 MCASP3_AXR1 IO MCASP Serial Data (Input/Output) AG26 MCASP3_AXR2 IO MCASP Serial Data (Input/Output) AH26 Table 6-95. MCASP4 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCASP4_ACLKR IO MCASP Receive Bit Clock T25 MCASP4_ACLKX IO MCASP Transmit Bit Clock AD28 MCASP4_AFSR IO MCASP Receive Frame Sync W24 MCASP4_AFSX IO MCASP Transmit Frame Sync V26 MCASP4_AXR0 IO MCASP Serial Data (Input/Output) AD24 MCASP4_AXR1 IO MCASP Serial Data (Input/Output) U28 MCASP4_AXR2 IO MCASP Serial Data (Input/Output) AB26 TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 82 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |