Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 97 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 93Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 94Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 95Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 96Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 97Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 98Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 99Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 100Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 251 page
background image
Table 6-117. Connectivity Requirements (continued)
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENT
A26
MCU_RESETZ
Each of these balls must be connected to the corresponding power supply
through a separate external pull resistor to ensure these balls are held to a valid
logic high level, if unused.
G23
MCU_PORZ
K23
PORZ
A24
RESET_REQZ
A25
TCK
AG27
TMS
G24
MCU_I2C0_SCL
H24
WKUP_I2C0_SCL
H27
WKUP_I2C0_SDA
J25
MCU_I2C0_SDA
AE24
I2C0_SDA
AH25
I2C0_SCL
AG24
EXTINTN
AG28
TDI
AE26
TDO
A27
EMU0
C26
EMU1
H1
DDR0_DQS0N
M1
DDR0_DQS1N
U1
DDR0_DQS2N
AC1
DDR0_DQS3N
A15
DDR1_DQS0N
A12
DDR1_DQS1N
A7
DDR1_DQS2N
A2
DDR1_DQS3N
H22
VPP_MCU
Each of these balls must be left unconnected, if unused.
V22
VPP_CORE
AF1
MMC0_CALPAD
Table 6-118 shows the specific connection requirements for the RESERVED ball numbers on the device.
Note
For additional clarification, "left unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball numbers.
Table 6-118. Reserved Balls Specific Connection Requirements
BALL NUMBERS
CONNECTION REQUIREMENTS
AB22 / AC12 / AC14 / AC16 / AC17 / AC19 / AC20 / AC23 / AD10 / AD11 / AD12 /
AD5 / AE11 / F13 / G11 / G21 / H25 / K28 / L23 / L26 / N28 / N8 / T7
RESERVED.
These balls must be left unconnected.
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com