Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 86 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 82Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 83Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 84Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 85Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 86Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 87Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 88Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 89Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 251 page
background image
Table 6-101. GPMC0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
GPMC0_A10
OZ
GPMC Address 10 Output in A/D non-multiplexed
mode and Address 26 in A/D multiplexed mode
U25
GPMC0_A11
OZ
GPMC Address 11 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AA24
GPMC0_A12
OZ
GPMC Address 12 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
V28
GPMC0_A13
OZ
GPMC Address 13 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
T28
GPMC0_A14
OZ
GPMC Address 14 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
T25, V23
GPMC0_A15
OZ
GPMC Address 15 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AB24
GPMC0_A16
OZ
GPMC Address 16 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
Y28
GPMC0_A17
OZ
GPMC Address 17 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AA23
GPMC0_A18
OZ
GPMC Address 18 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
Y24
GPMC0_A19
OZ
GPMC Address 19 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
W23
GPMC0_A20
OZ
GPMC Address 20 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AD25
GPMC0_A21
OZ
GPMC Address 21 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AF28
GPMC0_A22
OZ
GPMC Address 22 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AE28
GPMC0_A23
OZ
GPMC Address 23 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
AC24
GPMC0_A24
OZ
GPMC Address 24 Output in A/D non-multiplexed
mode and unused in A/D multiplexed mode
W25
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-multiplexed
mode and additionally Address 1 Output in A/D
multiplexed mode
AB28
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-multiplexed
mode and additionally Address 2 Output in A/D
multiplexed mode
U27
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-multiplexed
mode and additionally Address 3 Output in A/D
multiplexed mode
AC28
GPMC0_AD3
IO
GPMC Data 3 Input/Output in A/D non-multiplexed
mode and additionally Address 4 Output in A/D
multiplexed mode
Y26
GPMC0_AD4
IO
GPMC Data 4 Input/Output in A/D non-multiplexed
mode and additionally Address 5 Output in A/D
multiplexed mode
T26
GPMC0_AD5
IO
GPMC Data 5 Input/Output in A/D non-multiplexed
mode and additionally Address 6 Output in A/D
multiplexed mode
AB26
GPMC0_AD6
IO
GPMC Data 6 Input/Output in A/D non-multiplexed
mode and additionally Address 7 Output in A/D
multiplexed mode
AD28
GPMC0_AD7
IO
GPMC Data 7 Input/Output in A/D non-multiplexed
mode and additionally Address 8 Output in A/D
multiplexed mode
V26
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
86
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com