Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 81 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 77Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 78Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 79Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 80Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 81Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 82Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 83Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 84Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 251 page
background image
Table 6-90. CSI1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
CSI1_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AH22
CSI1_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AH23
CSI1_RXRCALIB(1)
A
CSI pin connected to external resistor for on-chip
resistor calibration
AC21
CSI1_TXCLKN
O
CSI Differential Transmit Clock Output (negative)
AH16
CSI1_TXCLKP
O
CSI Differential Transmit Clock Output (positive)
AH17
CSI1_RXN0
I
CSI Differential Receive Input (negative)
AG21
CSI1_RXN1
I
CSI Differential Receive Input (negative)
AF22
CSI1_RXN2
I
CSI Differential Receive Input (negative)
AE21
CSI1_RXN3
I
CSI Differential Receive Input (negative)
AD22
CSI1_RXP0
I
CSI Differential Receive Input (positive)
AG22
CSI1_RXP1
I
CSI Differential Receive Input (positive)
AF23
CSI1_RXP2
I
CSI Differential Receive Input (positive)
AE22
CSI1_RXP3
I
CSI Differential Receive Input (positive)
AD23
CSI1_TXN0
O
CSI Differential Transmit Output (negative)
AG15
CSI1_TXN1
O
CSI Differential Transmit Output (negative)
AF16
CSI1_TXN2
O
CSI Differential Transmit Output (negative)
AE15
CSI1_TXN3
O
CSI Differential Transmit Output (negative)
AD16
CSI1_TXP0
O
CSI Differential Transmit Output (positive)
AG16
CSI1_TXP1
O
CSI Differential Transmit Output (positive)
AF17
CSI1_TXP2
O
CSI Differential Transmit Output (positive)
AE16
CSI1_TXP3
O
CSI Differential Transmit Output (positive)
AD17
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
6.3.21 MCASP
6.3.21.1 MAIN Domain
Table 6-91. MCASP0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCASP0_ACLKR
IO
MCASP Receive Bit Clock
U24
MCASP0_ACLKX
IO
MCASP Transmit Bit Clock
AB28
MCASP0_AFSR
IO
MCASP Receive Frame Sync
AC25
MCASP0_AFSX
IO
MCASP Transmit Frame Sync
U27
MCASP0_AXR0
IO
MCASP Serial Data (Input/Output)
AC28
MCASP0_AXR1
IO
MCASP Serial Data (Input/Output)
Y26
MCASP0_AXR2
IO
MCASP Serial Data (Input/Output)
AB27
MCASP0_AXR3
IO
MCASP Serial Data (Input/Output)
T27
MCASP0_AXR4
IO
MCASP Serial Data (Input/Output)
U26
MCASP0_AXR5
IO
MCASP Serial Data (Input/Output)
AA28
MCASP0_AXR6
IO
MCASP Serial Data (Input/Output)
AD27
MCASP0_AXR7
IO
MCASP Serial Data (Input/Output)
T25
MCASP0_AXR8
IO
MCASP Serial Data (Input/Output)
W24
MCASP0_AXR9
IO
MCASP Serial Data (Input/Output)
AA25
MCASP0_AXR10
IO
MCASP Serial Data (Input/Output)
V25
MCASP0_AXR11
IO
MCASP Serial Data (Input/Output)
T24
MCASP0_AXR12
IO
MCASP Serial Data (Input/Output)
AB25
MCASP0_AXR13
IO
MCASP Serial Data (Input/Output)
T23
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com