Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 96 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 92Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 93Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 94Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 95Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 96Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 97Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 98Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 99Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 251 page
background image
Table 6-117. Connectivity Requirements
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENT
H28
WKUP_OSC0_XI
Each of these balls must be connected to VSS through a separate external pull
resistor to ensure these balls are held to a valid logic low level, if unused.
M28
OSC1_XI
B28
TRSTN
L25
MCU_ADC0_AIN0
K25
MCU_ADC0_AIN1
M24
MCU_ADC0_AIN2
L24
MCU_ADC0_AIN3
L27
MCU_ADC0_AIN4
K24
MCU_ADC0_AIN5
M27
MCU_ADC0_AIN6
M26
MCU_ADC0_AIN7
P25
MCU_ADC1_AIN0
R25
MCU_ADC1_AIN1
P28
MCU_ADC1_AIN2
P27
MCU_ADC1_AIN3
N25
MCU_ADC1_AIN4
P26
MCU_ADC1_AIN5
N26
MCU_ADC1_AIN6
N27
MCU_ADC1_AIN7
G1
DDR0_DQS0P
L1
DDR0_DQS1P
V1
DDR0_DQS2P
AB1
DDR0_DQS3P
A16
DDR1_DQS0P
A13
DDR1_DQS1P
A6
DDR1_DQS2P
A3
DDR1_DQS3P
T8
DDR0_RET
J10
DDR1_RET
H23
VMON1_ER_VSYS
L18
VMON6_IR_VEXT0P8
L22
VMON3_IR_VEXT1P8
M18
VMON2_IR_VCPU
N19
VMON4_IR_VEXT1P8
N20
VMON5_IR_VEXT3P3
AC10
SERDES0_REXT
Each of these balls must be connected to VSS through a separate external pull
resistor to ensure these balls are held to a valid logic low level, if unused. Refer to
Signal Descriptions footnote for appropriate value of pull-resistor for each signal.
AC18
CSI0_RXRCALIB
AC21
CSI1_RXRCALIB
R8
DDR0_CAL0
E8
DDR1_CAL0
AC13
DSI0_TXRCALIB
AC15
DSI1_TXRCALIB
AA6
USB0_RCALIB
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
96
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com