| Electronic Components Datasheet Search |
|
TDA4AL...ALZQ1 Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AL...ALZQ1 Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 251 page ![]() Table 6-8. GPIO0 Signal Descriptions (continued) SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN GPIO0_17 IO General Purpose Input/Output Y26 GPIO0_18 IO General Purpose Input/Output AB27 GPIO0_19 IO General Purpose Input/Output V27 GPIO0_20 IO General Purpose Input/Output W27 GPIO0_21 IO General Purpose Input/Output Y27 GPIO0_22 IO General Purpose Input/Output AA27 GPIO0_23 IO General Purpose Input/Output AA26 GPIO0_24 IO General Purpose Input/Output AC27 GPIO0_25 IO General Purpose Input/Output W28 GPIO0_26 IO General Purpose Input/Output U28 GPIO0_27 IO General Purpose Input/Output V26 GPIO0_28 IO General Purpose Input/Output R27 GPIO0_29 IO General Purpose Input/Output R28 GPIO0_30 IO General Purpose Input/Output Y25 GPIO0_31 IO General Purpose Input/Output T27 GPIO0_32 IO General Purpose Input/Output U26 GPIO0_33 IO General Purpose Input/Output AA28 GPIO0_34 IO General Purpose Input/Output AD27 GPIO0_35 IO General Purpose Input/Output T25 GPIO0_36 IO General Purpose Input/Output W24 GPIO0_37 IO General Purpose Input/Output AA25 GPIO0_38 IO General Purpose Input/Output V25 GPIO0_39 IO General Purpose Input/Output T24 GPIO0_40 IO General Purpose Input/Output AB25 GPIO0_41 IO General Purpose Input/Output T23 GPIO0_42 IO General Purpose Input/Output U24 GPIO0_43 IO General Purpose Input/Output AC25 GPIO0_44 IO General Purpose Input/Output AD26 GPIO0_45 IO General Purpose Input/Output U25 GPIO0_46 IO General Purpose Input/Output AA24 GPIO0_47 IO General Purpose Input/Output V28 GPIO0_48 IO General Purpose Input/Output T28 GPIO0_49 IO General Purpose Input/Output AB26 GPIO0_50 IO General Purpose Input/Output AD28 GPIO0_51 IO General Purpose Input/Output AE27 GPIO0_52 IO General Purpose Input/Output AF26 GPIO0_53 IO General Purpose Input/Output AH27 GPIO0_54 IO General Purpose Input/Output AG26 GPIO0_55 IO General Purpose Input/Output AH26 GPIO0_56 IO General Purpose Input/Output AH25 GPIO0_57 IO General Purpose Input/Output AE24 GPIO0_58 IO General Purpose Input/Output AE25 GPIO0_59 IO General Purpose Input/Output AG25 GPIO0_60 IO General Purpose Input/Output R22 GPIO0_61 IO General Purpose Input/Output R24 www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 63 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |