Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4AL...ALZQ1 Datasheet(PDF) 242 Page - Texas Instruments

Part # TDA4AL...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4AL...ALZQ1 Datasheet(HTML) 242 Page - Texas Instruments

Back Button TDA4AL...ALZQ1 Datasheet HTML 238Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 239Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 240Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 241Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 242Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 243Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 244Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 245Page - Texas Instruments TDA4AL...ALZQ1 Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 251 page
background image
9.1.2 Device Naming Convention
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
Table 9-1. Nomenclature Description
FIELD
PARAMETER
FIELD
DESCRIPTION
VALUES
DESCRIPTION
MARKING
ORDERABLE
x
Device evolution stage(1)
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK
Production
BBBBBBB(2)
Base production part
number
J721S2(2)
Preproduction superset device
TDA4VE88
See Section 5, Device Comparison
TDA4AL88
TDA4VL21
z
Device Speed
T
See Table 7-1, Speed Grade Maximum Frequency.
N
H
OTHER
Alternate speed grade
Y
Device type
G
General purpose
C
General purpose, R5F Lockstep capable
0
High Security(3) capable
5
High Security(3) capable, R5F Lockstep capable
R
High Security Prime(3) capable, R5F Lockstep capable
D
High Security(3) capable, R5F Lockstep capable,
Customer Dev Keys. Only available on preproduction
J721S2 devices.
P
High Security Prime(3) capable, R5F Lockstep capable,
Customer Dev Keys. Only available on preproduction
J721S2 devices.
r
Device revision
A or BLANK
SR 1.0
PPP
Package designator
ALZ
ALZ FCBGA-N770 (23 mm x 23 mm) Package
c
Carrier designator
N/A
BLANK
Tray
N/A
R
Tape and Reel
Q1
Automotive Designator
BLANK
Not automotive qualified.
Supports TJ = –40°C to 105°C
Q1
Meets AEC-Q100 qualification requirements, with
exceptions as specified in this data sheet.
Supports TJ = –40°C to 125°C
XXXXXXX
Lot Trace Code
As Marked
N/A
Lot Trace Code (LTC)
YYY
Production Code
As Marked
N/A
Production Code, for TI use only
ZZZ
Production Code
As Marked
N/A
Production Code, for TI use only
O
Pin One
As Marked
N/A
Pin one designator
G1
ECAT
As Marked
N/A
ECAT—Green package designator
(1)
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
242
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com