Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 25Page - Renesas Technology Corp R5F100ML Datasheet HTML 26Page - Renesas Technology Corp R5F100ML Datasheet HTML 27Page - Renesas Technology Corp R5F100ML Datasheet HTML 28Page - Renesas Technology Corp R5F100ML Datasheet HTML 29Page - Renesas Technology Corp R5F100ML Datasheet HTML 30Page - Renesas Technology Corp R5F100ML Datasheet HTML 31Page - Renesas Technology Corp R5F100ML Datasheet HTML 32Page - Renesas Technology Corp R5F100ML Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
29 of 200
Jun 30, 2020
1.4 Pin Identification
ANI0 to ANI14,
ANI16 to ANI26:
Analog input
AVREFM:
A/D converter reference
potential (– side) input
AVREFP:
A/D converter reference
potential (+ side) input
EVDD0, EVDD1:
Power supply for port
EVSS0, EVSS1:
Ground for port
EXCLK:
External clock input (Main
system clock)
EXCLKS:
External clock input
(Subsystem clock)
INTP0 to INTP11:
Interrupt request from
peripheral
KR0 to KR7:
Key return
P00 to P07:
Port 0
P10 to P17:
Port 1
P20 to P27:
Port 2
P30 to P37:
Port 3
P40 to P47:
Port 4
P50 to P57:
Port 5
P60 to P67:
Port 6
P70 to P77:
Port 7
P80 to P87:
Port 8
P90 to P97:
Port 9
P100 to P106:
Port 10
P110 to P117:
Port 11
P120 to P127:
Port 12
P130, P137:
Port 13
P140 to P147:
Port 14
P150 to P156:
Port 15
PCLBUZ0, PCLBUZ1: Programmable clock
output/buzzer output
REGC:
Regulator capacitance
RESET:
Reset
RTC1HZ:
Real-time clock correction clock
(1 Hz) output
RxD0 to RxD3:
Receive data
SCLA0, SCLA1,
SCK00, SCK01, SCK10,
SCK11, SCK20, SCK21,
SCK30, SCK31:
Serial clock input/output
SCL00, SCL01, SCL10,
SCL11, SCL20, SCL21,
SCL30, SCL31:
Serial clock output
SDAA0, SDAA1, SDA00,
SDA01,SDA10, SDA11,
SDA20,SDA21, SDA30,
SDA31:
Serial data input/output
SI00, SI01, SI10, SI11,
SI20, SI21, SI30, SI31:
Serial data input
SO00, SO01, SO10,
SO11, SO20, SO21,
SO30, SO31:
Serial data output
TI00 to TI07,
TI10 to TI17:
Timer input
TO00 to TO07,
TO10 to TO17:
Timer output
TOOL0:
Data input/output for tool
TOOLRxD, TOOLTxD:
Data input/output for external device
TxD0 to TxD3:
Transmit data
VDD:
Power supply
VSS:
Ground
X1, X2:
Crystal oscillator (main system clock)
XT1, XT2:
Crystal oscillator (subsystem clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com