Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 96Page - Renesas Technology Corp R5F100ML Datasheet HTML 97Page - Renesas Technology Corp R5F100ML Datasheet HTML 98Page - Renesas Technology Corp R5F100ML Datasheet HTML 99Page - Renesas Technology Corp R5F100ML Datasheet HTML 100Page - Renesas Technology Corp R5F100ML Datasheet HTML 101Page - Renesas Technology Corp R5F100ML Datasheet HTML 102Page - Renesas Technology Corp R5F100ML Datasheet HTML 103Page - Renesas Technology Corp R5F100ML Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
100 of 200
Jun 30, 2020
CSI mode connection diagram (during communication at different potential)
RL78
microcontroller
SOp
User device
SCK
SI
SIp
SO
Vb
Rb
SCKp
<Slave>
Remarks 1. Rb[
Ω]:Communication line (SOp) pull-up resistance, Cb[F]: Communication line (SOp) load capacitance,
Vb[V]: Communication line voltage
2. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number, n: Channel number (mn = 00, 01, 02, 10, 12, 13),
g: PIM and POM number (g = 0, 1, 4, 5, 8, 14)
3. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn).
m: Unit number, n: Channel number (mn = 00, 01, 02, 10, 12, 13))
4. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use
other CSI for communication at different potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com