Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 2Page - Renesas Technology Corp R5F100ML Datasheet HTML 3Page - Renesas Technology Corp R5F100ML Datasheet HTML 4Page - Renesas Technology Corp R5F100ML Datasheet HTML 5Page - Renesas Technology Corp R5F100ML Datasheet HTML 6Page - Renesas Technology Corp R5F100ML Datasheet HTML 7Page - Renesas Technology Corp R5F100ML Datasheet HTML 8Page - Renesas Technology Corp R5F100ML Datasheet HTML 9Page - Renesas Technology Corp R5F100ML Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
6 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(3/8)
Pin
count
Package
Data flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
40
pins
40-pin
plastic
HWQFN
(6
× 6 mm,
0.5-mm
pitch)
Mounted
A
R5F100EAANA, R5F100ECANA, R5F100EDANA,
R5F100EEANA, R5F100EFANA, R5F100EGANA,
R5F100EHANA
#U0, #W0
PWQN0040KC-A
#00, #20, #40
PWQN0040KD-A
D
R5F100EADNA, R5F100ECDNA, R5F100EDDNA,
R5F100EEDNA, R5F100EFDNA, R5F100EGDNA,
R5F100EHDNA
#U0, #W0
PWQN0040KC-A
G
R5F100EAGNA, R5F100ECGNA, R5F100EDGNA,
R5F100EEGNA, R5F100EFGNA, R5F100EGGNA,
R5F100EHGNA
#U0, #W0
PWQN0040KC-A
#00, #20, #40
PWQN0040KD-A
Not
mounted
A
R5F101EAANA, R5F101ECANA, R5F101EDANA,
R5F101EEANA, R5F101EFANA, R5F101EGANA,
R5F101EHANA
#U0, #W0
PWQN0040KC-A
#00, #20, #40
PWQN0040KD-A
D
R5F101EADNA, R5F101ECDNA, R5F101EDDNA,
R5F101EEDNA, R5F101EFDNA, R5F101EGDNA,
R5F101EHDNA
#U0, #W0
PWQN0040KC-A
44
pins
44-pin
plastic
LQFP
(10 × 10
mm,
0.8-mm
pitch)
Mounted
A
R5F100FAAFP, R5F100FCAFP, R5F100FDAFP,
R5F100FEAFP, R5F100FFAFP, R5F100FGAFP,
R5F100FHAFP, R5F100FJAFP, R5F100FKAFP,
R5F100FLAFP
#V0, #X0
PLQP0044GC-A
#10, #30, #50
PLQP0044GC-A/
PLQP0044GC-D
D
R5F100FADFP, R5F100FCDFP, R5F100FDDFP,
R5F100FEDFP, R5F100FFDFP, R5F100FGDFP,
R5F100FHDFP, R5F100FJDFP, R5F100FKDFP,
R5F100FLDFP
#V0, #X0
PLQP0044GC-A
#10, #30, #50
PLQP0044GC-A/
PLQP0044GC-D
G
R5F100FAGFP, R5F100FCGFP, R5F100FDGFP,
R5F100FEGFP, R5F100FFGFP, R5F100FGGFP,
R5F100FHGFP, R5F100FJGFP
#V0, #X0
PLQP0044GC-A
#10, #30, #50
PLQP0044GC-A/
PLQP0044GC-D
Not
mounted
A
R5F101FAAFP, R5F101FCAFP, R5F101FDAFP,
R5F101FEAFP, R5F101FFAFP, R5F101FGAFP,
R5F101FHAFP, R5F101FJAFP, R5F101FKAFP,
R5F101FLAFP
#V0, #X0
PLQP0044GC-A
#10, #30, #50
PLQP0044GC-A/
PLQP0044GC-D
D
R5F101FADFP, R5F101FCDFP, R5F101FDDFP,
R5F101FEDFP, R5F101FFDFP, R5F101FGDFP,
R5F101FHDFP, R5F101FJDFP, R5F101FKDFP,
R5F101FLDFP
#V0, #X0
PLQP0044GC-A
#10, #30, #50
PLQP0044GC-A/
PLQP0044GC-D
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com