Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 20Page - Renesas Technology Corp R5F100ML Datasheet HTML 21Page - Renesas Technology Corp R5F100ML Datasheet HTML 22Page - Renesas Technology Corp R5F100ML Datasheet HTML 23Page - Renesas Technology Corp R5F100ML Datasheet HTML 24Page - Renesas Technology Corp R5F100ML Datasheet HTML 25Page - Renesas Technology Corp R5F100ML Datasheet HTML 26Page - Renesas Technology Corp R5F100ML Datasheet HTML 27Page - Renesas Technology Corp R5F100ML Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
24 of 200
Jun 30, 2020
● 64-pin plastic VFBGA (4 × 4 mm, 0.4-mm pitch)
1
HGF
E
D
C
B
A
2
3
4
5
6
7
8
RL78/G13
(Top View)
AB
C
D E
F
G H
Top View
Bottom View
Index mark
Pin No.
Name
Pin No.
Name
Pin No.
Name
Pin No.
Name
A1
P05/TI05/TO05
C1
P51/INTP2/SO11
E1
P13/TxD2/SO20/
(SDAA0)/(TI04)/(TO04)
G1
P146
A2
P30/INTP3/RTC1HZ
/SCK11/SCL11
C2
P71/KR1/SI21/SDA21
E2
P14/RxD2/SI20/SDA20
/(SCLA0)/(TI03)/(TO03)
G2
P25/ANI5
A3
P70/KR0/SCK21
/SCL21
C3
P74/KR4/INTP8/SI01
/SDA01
E3
P15/SCK20/SCL20/
(TI02)/(TO02)
G3
P24/ANI4
A4
P75/KR5/INTP9
/SCK01/SCL01
C4
P52/(INTP10)
E4
P16/TI01/TO01/INTP5
/(SI00)/(RxD0)
G4
P22/ANI2
A5
P77/KR7/INTP11/
(TxD2)
C5
P53/(INTP11)
E5
P03/ANI16/SI10/RxD1
/SDA10
G5
P130
A6
P61/SDAA0
C6
P63
E6
P41/TI07/TO07
G6
P02/ANI17/SO10/TxD1
A7
P60/SCLA0
C7
VSS
E7
RESET
G7
P00/TI00
A8
EVDD0
C8
P121/X1
E8
P137/INTP0
G8
P124/XT2/EXCLKS
B1
P50/INTP1/SI11
/SDA11
D1
P55/(PCLBUZ1)/
(SCK00)
F1
P10/SCK00/SCL00/
(TI07)/(TO07)
H1
P147/ANI18
B2
P72/KR2/SO21
D2
P06/TI06/TO06
F2
P11/SI00/RxD0
/TOOLRxD/SDA00/
(TI06)/(TO06)
H2
P27/ANI7
B3
P73/KR3/SO01
D3
P17/TI02/TO02/
(SO00)/(TxD0)
F3
P12/SO00/TxD0
/TOOLTxD/(INTP5)/
(TI05)/(TO05)
H3
P26/ANI6
B4
P76/KR6/INTP10/
(RxD2)
D4
P54
F4
P21/ANI1/AVREFM
H4
P23/ANI3
B5
P31/TI03/TO03
/INTP4/(PCLBUZ0)
D5
P42/TI04/TO04
F5
P04/SCK10/SCL10
H5
P20/ANI0/AVREFP
B6
P62
D6
P40/TOOL0
F6
P43
H6
P141/PCLBUZ1/INTP7
B7
VDD
D7
REGC
F7
P01/TO00
H7
P140/PCLBUZ0/INTP6
B8
EVSS0
D8
P122/X2/EXCLK
F8
P123/XT1
H8
P120/ANI19
Cautions 1. Make EVSS0 pin the same potential as VSS pin.
2. Make VDD pin the potential that is no less than EVDD0 pin.
3. Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. When using the microcontroller for an application where the noise generated inside the microcontroller
must be reduced, it is recommended to supply separate powers to the VDD and EVDD0 pins and connect
the VSS and EVSS0 pins to separate ground lines.
3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com