Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 46Page - Renesas Technology Corp R5F100ML Datasheet HTML 47Page - Renesas Technology Corp R5F100ML Datasheet HTML 48Page - Renesas Technology Corp R5F100ML Datasheet HTML 49Page - Renesas Technology Corp R5F100ML Datasheet HTML 50Page - Renesas Technology Corp R5F100ML Datasheet HTML 51Page - Renesas Technology Corp R5F100ML Datasheet HTML 52Page - Renesas Technology Corp R5F100ML Datasheet HTML 53Page - Renesas Technology Corp R5F100ML Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
50 of 200
Jun 30, 2020
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
This chapter describes the following electrical specifications.
Target products A: Consumer applications TA =
−40 to +85°C
R5F100xxAxx, R5F101xxAxx
D: Industrial applications TA =
−40 to +85°C
R5F100xxDxx, R5F101xxDxx
G: Industrial applications when TA =
−40 to +105°C products is used in the range of TA = −40 to +85°C
R5F100xxGxx
Cautions 1.
The RL78 microcontrollers have an on-chip debug function, which is provided for development
and evaluation. Do not use the on-chip debug function in products designated for mass
production, because the guaranteed number of rewritable times of the flash memory may be
exceeded when this function is used, and product reliability therefore cannot be guaranteed.
Renesas Electronics is not liable for problems occurring when the on-chip debug function is
used.
2.
With products not provided with an EVDD0, EVDD1, EVSS0, or EVSS1 pin, replace EVDD0 and EVDD1 with
VDD, or replace EVSS0 and EVSS1 with VSS.
3.
The pins mounted depend on the product. Refer to 2.1 Port Function to 2.2.1 Functions for each
product in the RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com