Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F100ML Datasheet HTML 1Page - Renesas Technology Corp R5F100ML Datasheet HTML 2Page - Renesas Technology Corp R5F100ML Datasheet HTML 3Page - Renesas Technology Corp R5F100ML Datasheet HTML 4Page - Renesas Technology Corp R5F100ML Datasheet HTML 5Page - Renesas Technology Corp R5F100ML Datasheet HTML 6Page - Renesas Technology Corp R5F100ML Datasheet HTML 7Page - Renesas Technology Corp R5F100ML Datasheet HTML 8Page - Renesas Technology Corp R5F100ML Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
4 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(1/8)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
20
pins
20-pin plastic
LSSOP
(7.62 mm
(300),
0.65-mm
pitch)
Mounted A
R5F1006AASP, R5F1006CASP, R5F1006DASP,
R5F1006EASP
#V0, #10, #30,
#X0, #50
PLSP0020JC-A
D
R5F1006ADSP, R5F1006CDSP, R5F1006DDSP,
R5F1006EDSP
G
R5F1006AGSP, R5F1006CGSP, R5F1006DGSP,
R5F1006EGSP
Not
mounted
A
R5F1016AASP, R5F1016CASP, R5F1016DASP,
R5F1016EASP
#V0, #10, #30,
#X0, #50
PLSP0020JC-A
D
R5F1016ADSP, R5F1016CDSP, R5F1016DDSP,
R5F1016EDSP
20-pin plastic
TSSOP
(4.4 x 6.5
mm,
0.65-mm
pitch)
Mounted A
R5F1006AASM, R5F1006CASM, R5F1006DASM,
R5F1006EASM
#10, #30, #50
PTSP0020JI-A
G
R5F1006AGSM, R5F1006CGSM, R5F1006DGSM,
R5F1006EGSM
Not
mounted
A
R5F1016AASM, R5F1016CASM, R5F1016DASM,
R5F1016EASM
24
pins
24-pin plastic
HWQFN
(4
× 4 mm,
0.5-mm
pitch)
Mounted A
R5F1007AANA, R5F1007CANA, R5F1007DANA,
R5F1007EANA
#U0, #W0
PWQN0024KE-A
#00, #20, #40
PWQN0024KF-A
D
R5F1007ADNA, R5F1007CDNA, R5F1007DDNA,
R5F1007EDNA
#U0, #W0
PWQN0024KE-A
G
R5F1007AGNA, R5F1007CGNA, R5F1007DGNA,
R5F1007EGNA
R5F1007AGNA, R5F1007CGNA, R5F1007DGNA,
R5F1007EGNA
#00, #20, #40
PWQN0024KF-A
Not
mounted
A
R5F1017AANA, R5F1017CANA, R5F1017DANA,
R5F1017EANA
#U0, #W0
PWQN0024KE-A
#00, #20, #40
PWQN0024KF-A
D
R5F1017ADNA, R5F1017CDNA, R5F1017DDNA,
R5F1017EDNA
#U0, #W0
PWQN0024KE-A
25
pins
25-pin plastic
WFLGA
(3
× 3 mm,
0.5-mm
pitch)
Mounted A
R5F1008AALA, R5F1008CALA, R5F1008DALA,
R5F1008EALA
#U0, #W0
PWLG0025KA-A
G
R5F1008AGLA, R5F1008CGLA, R5F1008DGLA,
R5F1008EGLA
Not
mounted
A
R5F1018AALA, R5F1018CALA, R5F1018DALA,
R5F1018EALA
#U0, #W0
PWLG0025KA-A
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com