Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 81Page - Renesas Technology Corp R5F100ML Datasheet HTML 82Page - Renesas Technology Corp R5F100ML Datasheet HTML 83Page - Renesas Technology Corp R5F100ML Datasheet HTML 84Page - Renesas Technology Corp R5F100ML Datasheet HTML 85Page - Renesas Technology Corp R5F100ML Datasheet HTML 86Page - Renesas Technology Corp R5F100ML Datasheet HTML 87Page - Renesas Technology Corp R5F100ML Datasheet HTML 88Page - Renesas Technology Corp R5F100ML Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
85 of 200
Jun 30, 2020
(5) During communication at same potential (simplified I2C mode) (2/2)
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Data setup time (reception)
tSU:DAT
2.7 V
≤ EVDD0 ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1/fMCK +
85 Note2
1/fMCK
+ 145
Note2
1/fMCK
+ 145
Note2
ns
1.8 V
≤ EVDD0 ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1/fMCK
+ 145
Note2
1/fMCK
+ 145
Note2
1/fMCK
+ 145
Note2
ns
1.8 V
≤ EVDD0 < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK
+ 230
Note2
1/fMCK
+ 230
Note2
1/fMCK
+ 230
Note2
ns
1.7 V
≤ EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK
+ 290
Note2
1/fMCK
+ 290
Note2
1/fMCK
+ 290
Note2
ns
1.6 V
≤ EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
–
1/fMCK
+ 290
Note2
1/fMCK
+ 290
Note2
ns
Data hold time (transmission) tHD:DAT
2.7 V
≤ EVDD0 ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
0
305
0
305
0
305
ns
1.8 V
≤ EVDD0 ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
0
355
0
355
0
355
ns
1.8 V
≤ EVDD0 < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
0
405
0
405
0
405
ns
1.7 V
≤ EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
0
405
0
405
0
405
ns
1.6 V
≤ EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
–
0
405
0
405
ns
Notes 1. The value must also be equal to or less than fMCK/4.
2. Set the fMCK value to keep the hold time of SCLr = "L" and SCLr = "H".
Caution
Select the normal input buffer and the N-ch open drain output (VDD tolerance (When 20- to 52-pin
products)/EVDD tolerance (When 64- to 128-pin products)) mode for the SDAr pin and the normal output
mode for the SCLr pin by using port input mode register g (PIMg) and port output mode register h
(POMh).
(Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com