Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 51Page - Renesas Technology Corp R5F100ML Datasheet HTML 52Page - Renesas Technology Corp R5F100ML Datasheet HTML 53Page - Renesas Technology Corp R5F100ML Datasheet HTML 54Page - Renesas Technology Corp R5F100ML Datasheet HTML 55Page - Renesas Technology Corp R5F100ML Datasheet HTML 56Page - Renesas Technology Corp R5F100ML Datasheet HTML 57Page - Renesas Technology Corp R5F100ML Datasheet HTML 58Page - Renesas Technology Corp R5F100ML Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
55 of 200
Jun 30, 2020
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (2/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current,
lowNote 1
IOL1
Per pin for P00 to P07, P10 to P17,
P30 to P37, P40 to P47, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106,
P110 to P117, P120, P125 to P127,
P130, P140 to P147
20.0 Note 2
mA
Per pin for P60 to P63
15.0 Note 2
mA
Total of P00 to P04, P07, P32 to P37,
P40 to P47, P102 to P106, P120, P125
to P127, P130, P140 to P145
(When duty
≤ 70% Note 3)
4.0 V
≤ EVDD0 ≤ 5.5 V
70.0
mA
2.7 V
≤ EVDD0 < 4.0 V
15.0
mA
1.8 V
≤ EVDD0 < 2.7 V
9.0
mA
1.6 V
≤ EVDD0 < 1.8 V
4.5
mA
Total of P05, P06, P10 to P17, P30,
P31, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100, P101, P110 to P117, P146,
P147
(When duty
≤ 70% Note 3)
4.0 V
≤ EVDD0 ≤ 5.5 V
80.0
mA
2.7 V
≤ EVDD0 < 4.0 V
35.0
mA
1.8 V
≤ EVDD0 < 2.7 V
20.0
mA
1.6 V
≤ EVDD0 < 1.8 V
10.0
mA
Total of all pins
(When duty
≤ 70% Note 3)
150.0
mA
IOL2
Per pin for P20 to P27, P150 to P156
0.4 Note 2
mA
Total of all pins
(When duty
≤ 70%Note 3)
1.6 V
≤ VDD ≤ 5.5 V
5.0
mA
Notes 1.
Value of current at which the device operation is guaranteed even if the current flows from an output pin to
the EVSS0, EVSS1 and VSS pin.
2.
However, do not exceed the total current value.
3.
Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the
following expression (when changing the duty factor from 70% to n%).
● Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 10.0 mA
Total output current of pins = (10.0 × 0.7)/(80 × 0.01)
 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com