Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 103Page - Renesas Technology Corp R5F100ML Datasheet HTML 104Page - Renesas Technology Corp R5F100ML Datasheet HTML 105Page - Renesas Technology Corp R5F100ML Datasheet HTML 106Page - Renesas Technology Corp R5F100ML Datasheet HTML 107Page - Renesas Technology Corp R5F100ML Datasheet HTML 108Page - Renesas Technology Corp R5F100ML Datasheet HTML 109Page - Renesas Technology Corp R5F100ML Datasheet HTML 110Page - Renesas Technology Corp R5F100ML Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
107 of 200
Jun 30, 2020
(2) I2C fast mode
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode:
fCLK
≥ 3.5 MHz
2.7 V
≤ EVDD0 ≤ 5.5 V
0
400
0
400
0
400
kHz
1.8 V
≤ EVDD0 ≤ 5.5 V
0
400
0
400
0
400
kHz
Setup time of restart
condition
tSU:STA
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
Hold timeNote 1
tHD:STA
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
Hold time when SCLA0 =
“L”
tLOW
2.7 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
µs
Hold time when SCLA0 =
“H”
tHIGH
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
Data setup time
(reception)
tSU:DAT
2.7 V
≤ EVDD0 ≤ 5.5 V
100
100
100
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
100
100
100
µs
Data hold time
(transmission)Note 2
tHD:DAT
2.7 V
≤ EVDD0 ≤ 5.5 V
0
0.9
0
0.9
0
0.9
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
0
0.9
0
0.9
0
0.9
µs
Setup time of stop
condition
tSU:STO
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
µs
Bus-free time
tBUF
2.7 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
µs
1.8 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
µs
Notes 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
2.
The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
Caution
The values in the above table are applied even when bit 2 (PIOR2) in the peripheral I/O redirection
register (PIOR) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the values in
the redirect destination.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up
resistor) at that time in each mode are as follows.
Fast mode:
Cb = 320 pF, Rb = 1.1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com