Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 121Page - Renesas Technology Corp R5F100ML Datasheet HTML 122Page - Renesas Technology Corp R5F100ML Datasheet HTML 123Page - Renesas Technology Corp R5F100ML Datasheet HTML 124Page - Renesas Technology Corp R5F100ML Datasheet HTML 125Page - Renesas Technology Corp R5F100ML Datasheet HTML 126Page - Renesas Technology Corp R5F100ML Datasheet HTML 127Page - Renesas Technology Corp R5F100ML Datasheet HTML 128Page - Renesas Technology Corp R5F100ML Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
125 of 200
Jun 30, 2020
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (3/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage,
high
VIH1
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P140 to P147
Normal input buffer
0.8EVDD0
EVDD0
V
VIH2
P01, P03, P04, P10, P11,
P13 to P17, P43, P44, P53 to P55,
P80, P81, P142, P143
TTL input buffer
4.0 V
≤ EVDD0 ≤ 5.5 V
2.2
EVDD0
V
TTL input buffer
3.3 V
≤ EVDD0 < 4.0 V
2.0
EVDD0
V
TTL input buffer
2.4 V
≤ EVDD0 < 3.3 V
1.5
EVDD0
V
VIH3
P20 to P27, P150 to P156
0.7VDD
VDD
V
VIH4
P60 to P63
0.7EVDD0
6.0
V
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8VDD
VDD
V
Input voltage, low VIL1
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P140 to P147
Normal input buffer
0
0.2EVDD0
V
VIL2
P01, P03, P04, P10, P11,
P13 to P17, P43, P44, P53 to P55,
P80, P81, P142, P143
TTL input buffer
4.0 V
≤ EVDD0 ≤ 5.5 V
0
0.8
V
TTL input buffer
3.3 V
≤ EVDD0 < 4.0 V
0
0.5
V
TTL input buffer
2.4 V
≤ EVDD0 < 3.3 V
0
0.32
V
VIL3
P20 to P27, P150 to P156
0
0.3VDD
V
VIL4
P60 to P63
0
0.3EVDD0
V
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2VDD
V
Caution The maximum value of VIH of pins P00, P02 to P04, P10 to P15, P17, P43 to P45, P50, P52 to P55, P71,
P74, P80 to P82, P96, and P142 to P144 is EVDD0, even in the N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com