Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 137Page - Renesas Technology Corp R5F100ML Datasheet HTML 138Page - Renesas Technology Corp R5F100ML Datasheet HTML 139Page - Renesas Technology Corp R5F100ML Datasheet HTML 140Page - Renesas Technology Corp R5F100ML Datasheet HTML 141Page - Renesas Technology Corp R5F100ML Datasheet HTML 142Page - Renesas Technology Corp R5F100ML Datasheet HTML 143Page - Renesas Technology Corp R5F100ML Datasheet HTML 144Page - Renesas Technology Corp R5F100ML Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
141 of 200
Jun 30, 2020
3.5 Peripheral Functions Characteristics
AC Timing Test Points
VIH/VOH
VIL/VOL
Test points
VIH/VOH
VIL/VOL
3.5.1 Serial array unit
(1) During communication at same potential (UART mode)
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
Transfer rate Note 1
fMCK/12 Note 2
bps
Theoretical value of the
maximum transfer rate
fCLK = 32 MHz, fMCK = fCLK
2.6
Mbps
Notes 1. Transfer rate in the SNOOZE mode is 4800 bps only.
2. The following conditions are required for low voltage interface when EVDD0 < VDD.
2.4 V
≤ EVDD0 < 2.7 V : MAX. 1.3 Mbps
Caution
Select the normal input buffer for the RxDq pin and the normal output mode for the TxDq pin by using
port input mode register g (PIMg) and port output mode register g (POMg).
UART mode connection diagram (during communication at same potential)
RL78 microcontroller
TxDq
RxDq
Rx
Tx
User device
UART mode bit width (during communication at same potential) (reference)
Baud rate error tolerance
High-/Low-bit width
1/Transfer rate
TxDq
RxDq
Remarks 1.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0, 1, 8, 14)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com