Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 166Page - Renesas Technology Corp R5F100ML Datasheet HTML 167Page - Renesas Technology Corp R5F100ML Datasheet HTML 168Page - Renesas Technology Corp R5F100ML Datasheet HTML 169Page - Renesas Technology Corp R5F100ML Datasheet HTML 170Page - Renesas Technology Corp R5F100ML Datasheet HTML 171Page - Renesas Technology Corp R5F100ML Datasheet HTML 172Page - Renesas Technology Corp R5F100ML Datasheet HTML 173Page - Renesas Technology Corp R5F100ML Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
170 of 200
Jun 30, 2020
3.7 RAM Data Retention Characteristics
(TA = –40 to +105°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.44Note
5.5
V
Note This depends on the POR detection voltage. For a falling voltage, data in RAM are retained until the voltage
reaches the level that triggers a POR reset but not once it reaches the level at which a POR reset is generated.
VDD
STOP instruction execution
Standby release signal
(interrupt request)
STOP mode
RAM data retention
VDDDR
Operation mode
3.8 Flash Memory Programming Characteristics
(TA = –40 to +105°C, 2.4 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU/peripheral hardware clock
frequency
fCLK
2.4 V
≤ VDD ≤ 5.5 V
1
32
MHz
Number of code flash rewrites
Notes 1, 2, 3
Cerwr
Retained for 20 years
TA = 85°C Note 4
1,000
Times
Number of data flash rewrites
Notes 1, 2, 3
Retained for 1 years
TA = 25°C
1,000,000
Retained for 5 years
TA = 85°C Note 4
100,000
Retained for 20 years
TA = 85°C Note 4
10,000
Notes 1.
1 erase + 1 write after the erase is regarded as 1 rewrite.The retaining years are until next rewrite after the
rewrite.
2.
When using flash memory programmer and Renesas Electronics self programming library.
3.
These are the characteristics of the flash memory and the results obtained from reliability testing by
Renesas Electronics Corporation.
4.
This temperature is the average value at which data are retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com