Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 186Page - Renesas Technology Corp R5F100ML Datasheet HTML 187Page - Renesas Technology Corp R5F100ML Datasheet HTML 188Page - Renesas Technology Corp R5F100ML Datasheet HTML 189Page - Renesas Technology Corp R5F100ML Datasheet HTML 190Page - Renesas Technology Corp R5F100ML Datasheet HTML 191Page - Renesas Technology Corp R5F100ML Datasheet HTML 192Page - Renesas Technology Corp R5F100ML Datasheet HTML 193Page - Renesas Technology Corp R5F100ML Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 207 page
background image
RL78/G13
4. PACKAGE DRAWINGS
R01DS0131EJ0350 Rev.3.50
190 of 200
Jun 30, 2020
4.11 64-pin Package
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LQFP64-12x12-0.65
PLQP0064JA-A
P64GK-65-UET-2
0.51
NOTE
Each lead centerline is located within 0.13 mm of
its true position at maximum material condition.
detail of lead end
θ
L
c
Lp
HD
HE
ZD
ZE
L1
A1
A2
A
D
E
16
32
1
64
17
33
49
48
S
y
e
S
x
b
M
A3
S
0.145 +0.055
−0.045
(UNIT:mm)
ITEM
DIMENSIONS
D
E
HD
HE
A
A1
A2
A3
12.00
±0.20
12.00
±0.20
14.00
±0.20
14.00
±0.20
1.60 MAX.
0.10
±0.05
1.40
±0.05
0.25
c
θ
e
x
y
ZD
ZE
0.65
0.13
0.10
1.125
1.125
L
Lp
L1
0.50
0.60
±0.15
1.00
±0.20
3
°+5°
−3°
0.32 +0.08
−0.07
b
2012 Renesas Electronics Corporation. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com