Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 199Page - Renesas Technology Corp R5F100ML Datasheet HTML 200Page - Renesas Technology Corp R5F100ML Datasheet HTML 201Page - Renesas Technology Corp R5F100ML Datasheet HTML 202Page - Renesas Technology Corp R5F100ML Datasheet HTML 203Page - Renesas Technology Corp R5F100ML Datasheet HTML 204Page - Renesas Technology Corp R5F100ML Datasheet HTML 205Page - Renesas Technology Corp R5F100ML Datasheet HTML 206Page - Renesas Technology Corp R5F100ML Datasheet HTML 207Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 204 / 207 page
background image
C - 4
Rev.
Date
Description
Page
Summary
3.00
Aug 02, 2013
163
Modification of table in (8) Communication at different potential (1.8 V, 2.5 V,
3 V) (simplified I2C mode) (1/2)
164, 165
Modification of table, note 1, and caution in (8) Communication at different
potential (1.8 V, 2.5 V, 3 V) (simplified I2C mode) (2/2)
166
Modification of table in 3.5.2 Serial interface IICA
166
Modification of IICA serial transfer timing
167
Addition of table in 3.6.1 A/D converter characteristics
167, 168
Modification of table and notes 3 and 4 in 3.6.1 (1)
169
Modification of description in 3.6.1 (2)
170
Modification of description and note 3 in 3.6.1 (3)
171
Modification of description and notes 3 and 4 in 3.6.1 (4)
172
Modification of table and note in 3.6.3 POR circuit characteristics
173
Modification of table of LVD Detection Voltage of Interrupt & Reset Mode
173
Modification from Supply Voltage Rise Time to 3.6.5 Power supply voltage
rising slope characteristics
174
Modification of 3.9 Dedicated Flash Memory Programmer Communication
(UART)
175
Modification of table, figure, and remark in 3.10 Timing Specs for Switching
Flash Memory Programming Modes
3.10
Nov 15, 2013
123
Caution 4 added.
125
Note for operating ambient temperature in 3.1 Absolute Maximum Ratings
deleted.
3.30
Mar 31, 2016
18
Modification of the position of the index mark in 25-pin plastic WFLGA (3 × 3
mm, 0.50 mm pitch) of 1.3.3 25-pin products
49
Modification of power supply voltage in 1.6 Outline of Functions [20-pin, 24-
pin, 25-pin, 30-pin, 32-pin, 36-pin products]
51
Modification of power supply voltage in 1.6 Outline of Functions [40-pin, 44-
pin, 48-pin, 52-pin, 64-pin products]
53
Modification of power supply voltage in 1.6 Outline of Functions [80-pin, 100-
pin, 128-pin products]
110 to 112,
167
ACK corrected to ACK
3.40
May 31, 2018
172
Addition of note in 3.6.3 POR circuit characteristics
3.41
Jan 31, 2020
3
Addition of packaging specifications in Figure 1-1 Part Number, Memory Size,
and Package of RL78/G13
4 to 28
Addition of ordering part numbers and RENESAS codes in Table 1-1 List of
Ordering Part Numbers
189, 190,
192 to 194,
196 to 198,
200,
202 to 205,
207 to 209,
211, 213,
214
Modification of the titles of the subchapters and deletion of product names in
Chapter 4
191
Addition of figure in 4.2 24-pin Package
195
Addition of figure in 4.3 32-pin Package
199
Addition of figure in 4.8 44-pin Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com