| Electronic Components Datasheet Search |
|
HC08KL8GRS/D Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 256 page ![]() General Description General Release Specification MC68HC08KL8 — Rev. 2.0 General Description 1.5.5 External Interrupt Pin (IRQ1) IRQ1 is an asynchronous external interrupt pin. The IRQ1 pin contains an internal pullup device. (See Section 14. External Interrupt (IRQ).) 1.5.6 USB Data Pins (D+ and D–) D+ and D– are the differential data lines used by the USB module. (See Section 9. Universal Serial Bus Module (USB).) 1.5.7 Port A Input/Output (I/O) Pins (PTA7–PTA0) PTA7–PTA0 are general-purpose bidirectional I/O port pins. (See Section 12. Input/Output Ports (I/O).) Each pin contains a software configurable pullup device when the pin is configured as an input. (See 12.8 Port Options.) 1.5.8 Port B (I/O) Pins (PTB7–PTB0) PTB7–PTB0 are general-purpose bidirectional I/O port pins. (See Section 12. Input/Output Ports (I/O).) Each pin contains a software configurable pullup device when the pin is configured as an input. (See 12.8 Port Options.) 1.5.9 Port C I/O Pins (PTC7–PTC0) PTC7–PTC0 are general-purpose bidirectional I/O port pins. (See Section 12. Input/Output Ports (I/O).) Port C pins are software configurable to be LED direct drive ports. Each pin contains a software configurable pullup device when the pin is configured as an input. (See 12.8 Port Options.) NOTE: On the 42-lead SDIP package the PTC7–PTC5 pads are not bonded out. Set these ports to output to avoid floating inputs. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |