| Electronic Components Datasheet Search |
|
HC08KL8GRS/D Datasheet(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D Datasheet(HTML) 37 Page - NXP Semiconductors |
|
37 / 256 page ![]() Memory Map Input/Output (I/O) Section MC68HC08KL8 — Rev. 2.0 General Release Specification Memory Map 2.3 Input/Output (I/O) Section Addresses $0000–$003F contain most of the control, status, and data registers. Additional I/O registers have these addresses: • $FE00 (break status register, BSR) • $FE01 (reset status register, RSR) • $FE03 (break flag control register, BFCR) • $FE04 (interrupt status register 1, INT1) • $FE05 (interrupt status register 2, INT2) • $FE0C and $FE0D (break address registers, BRKH and BRKL) • $FE0E (break status and control register, BSCR) • $FFFF (COP control register, COPCTL) 2.4 Unimplemented Memory Locations Some addresses are unimplemented. Accessing an unimplemented address can cause an illegal address reset if illegal address resets are enabled. In the memory map and in the I/O register summary, unimplemented addresses are shaded. Some I/O bits are read-only: the write function is unimplemented. Writing to a read-only I/O bit has no effect on MCU operation. In register figures, the write function of read-only bits is shaded. 2.5 Reserved Memory Locations Some addresses are reserved. Writing to a reserved address can have unpredictable effects on MCU operation. In the memory map and in the I/O register summary, reserved addresses are marked with the word Reserved. Some I/O bits are reserved. Writing to a reserved bit can have unpredictable effects on MCU operation. In register figures, reserved bits are marked with the letter R. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |