| Electronic Components Datasheet Search |
|
HC08KL8GRS/D Datasheet(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D Datasheet(HTML) 97 Page - NXP Semiconductors |
|
97 / 256 page ![]() System Integration Module (SIM) Low-Power Modes MC68HC08KL8 — Rev. 2.0 General Release Specification System Integration Module (SIM) Figure 8-15 and Figure 8-16 show the timing for WAIT recovery. Figure 8-15. Wait Recovery from Interrupt or Break Figure 8-16. Wait Recovery from Internal Reset 8.7.2 Stop Mode In stop mode, the SIM counter is reset and the system clocks are disabled. An interrupt request from a module can cause an exit from stop mode. Stacking for interrupts begins after the selected stop recovery time has elapsed. Reset or break also causes an exit from stop mode. The SIM disables the oscillator signals (CGMOUT and CGMXCLK) in stop mode, stopping the CPU and peripherals. Stop recovery time is selectable using the SSREC bit in the mask option register. If SSREC is set, stop recovery is reduced from the normal delay of 4096 CGMXCLK cycles down to 32. This is ideal for applications using canned oscillators that do not require long startup times from stop mode. $6E0C $6E0B $00FF $00FE $00FD $00FC $A6 $A6 $01 $0B $6E $A6 IAB IDB EXITSTOPWAIT NOTE: EXITSTOPWAIT = RST pin or CPU interrupt or break interrupt IAB IDB RST $A6 $A6 $6E0B RSTVCTH RSTVCTL $A6 CGMXCLK 32 CYCLES 32 CYCLES Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |