Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 40Page - STMicroelectronics ST25R3920 Datasheet HTML 41Page - STMicroelectronics ST25R3920 Datasheet HTML 42Page - STMicroelectronics ST25R3920 Datasheet HTML 43Page - STMicroelectronics ST25R3920 Datasheet HTML 44Page - STMicroelectronics ST25R3920 Datasheet HTML 45Page - STMicroelectronics ST25R3920 Datasheet HTML 46Page - STMicroelectronics ST25R3920 Datasheet HTML 47Page - STMicroelectronics ST25R3920 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
Application information
ST25R3920
44/152
DS13261 Rev 9
4.3
Communication with an external microcontroller
The ST25R3920 communicates with a microcontroller either via an SPI interface or via an
I2C interface. On both interfaces the ST25R3920 acts as a slave device, relying on the
microcontroller to initiate all communication. To notify the microcontroller of completed
commands or external events (e.g. peer device field on) the ST25R3920 signals an interrupt
on the IRQ pin. The ST25R3920 can also provide a configurable clock signal to the
microcontroller on the MCU_CLK pin.
4.3.1
Interrupt interface
There are four interrupt registers implemented in the ST25R3920:
•
Main interrupt register
•
Timer and NFC interrupt register
•
Error and wake-up interrupt register
•
Passive target interrupt register
When an interrupt condition is met the source of interrupt bit is set and the IRQ pin
transitions to high. The microcontroller then reads the Main interrupt register to distinguish
between different interrupt sources. After a particular interrupt register is read, its content is
reset to 0.
The IRQ pin transitions to low after the interrupt bit(s) that caused its transition to high has
(have) been read.
Note:
There can be more than one interrupt bit set if the microcontroller does not immediately read
the interrupt registers after the IRQ signal is set and another event causing an interrupt
occurs. In this case the IRQ pin transitions to low after the last bit causing interrupt is read.
If an interrupt from a certain source is not required it can be disabled by setting the
corresponding bit in the Mask interrupt registers. In case of masking a certain interrupt
source the IRQ line is not set high, but the interrupt status bit is still set in IRQ status
registers.
Reading the IRQ status registers presents and clears also the masked interrupt bits.
If some interrupts are masked, and set to 1 because of an IRQ event, and later on one of
them unmasks the IRQ status bit that is already set, the IRQ line is immediately set to high.
This notifies the host system that there are some interrupt events not yet read out.
IRQ line and IRQ status bits are cleared at:
•
Set default
•
Reading the IRQ status
•
Stop all activities
•
Clear FIFO.
Table 7. IRQ output
Name
Signal
Level
Description
IRQ
Digital output
CMOS
Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com