Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 48Page - STMicroelectronics ST25R3920 Datasheet HTML 49Page - STMicroelectronics ST25R3920 Datasheet HTML 50Page - STMicroelectronics ST25R3920 Datasheet HTML 51Page - STMicroelectronics ST25R3920 Datasheet HTML 52Page - STMicroelectronics ST25R3920 Datasheet HTML 53Page - STMicroelectronics ST25R3920 Datasheet HTML 54Page - STMicroelectronics ST25R3920 Datasheet HTML 55Page - STMicroelectronics ST25R3920 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
Application information
ST25R3920
52/152
DS13261 Rev 9
Writing data to addressable registers (Register Write mode)
After the I2C slave address the address of the register to be written is sent using the same
Register Write mode byte as for SPI register write access. The Register Write mode byte is
then followed by one or more data bytes. If more than one data byte is sent, the data is
stored in subsequent registers starting form the initial register address by incrementing the
target address by one for each new data byte.
Figure 18 and Figure 19 show, respectively, how to write a single byte into a register and
how to write multiple bytes into subsequent registers using address auto-incrementing.
Figure 18. Writing a single register
Figure 19. Writing register data with auto-incrementing address
Reading data from addressable registers (Register Read mode)
After the I2C slave address the address of the register to be read is sent using the same
Register Read mode byte of the SPI register read access. After the Register Read mode
byte the ST25R3920 sends data bytes to the SDA output as long as the MCU keeps SCL.
The Register Read mode also supports address auto-incrementing. If the addressed
register does not exist, all 0 data is sent to SDA.
Table 10. I2C interface and interrupt signal lines
Name
Signal
Signal level
Description
I2C_EN
Digital input
CMOS
Pull to VDD_D for I2C operation
MISO (SDA)
Digital output
I2C data line
SCLK (SCL)
Digital input
I2C clock
IRQ
Digital output
Active high - Interrupt output pin
MS51653V2
SCL
SDA
0
0
0
A
6
A
5
A
4
A
3
A
2
A
1
A
0
R
4
R
3
R
2
R
1
A
C
K
P
S
Slave address
D
7
D
6
D
5
D
4
D
3
D
2
R
0
A
C
K
D
1
D
0
Data
Register address
A
C
K
R
5
MS51654V3
SCL
SDA
0 0
A
6
A
5
A
4
A
3
A
2
A
1
A
0
0
R
4
R
3
R
2
R
1
A
C
K
P
S
Data moved to address
<R5-R0> + n
Slave address
D
7
D
6
D
5
D
4
D
3
D
2
R
0
A
C
K
D
1
D
0
D
3
D
2
D
1
D
0
A
C
K
D
5
D
4
D
7
D
6
Data moved to address
<R5-R0> + 0
Register address
R
5
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com