Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 71Page - STMicroelectronics ST25R3920 Datasheet HTML 72Page - STMicroelectronics ST25R3920 Datasheet HTML 73Page - STMicroelectronics ST25R3920 Datasheet HTML 74Page - STMicroelectronics ST25R3920 Datasheet HTML 75Page - STMicroelectronics ST25R3920 Datasheet HTML 76Page - STMicroelectronics ST25R3920 Datasheet HTML 77Page - STMicroelectronics ST25R3920 Datasheet HTML 78Page - STMicroelectronics ST25R3920 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
DS13261 Rev 9
75/152
ST25R3920
Application information
151
4.5.8
ISO14443B and FeliCa settings register
Register space: A
Address: 07h
Type: RW
Table 28. ISO14443B and FeliCa settings register
Bit
Name
Default
Function
Comments
7tr1_1
0
Refer to Table 29
-
6tr1_0
0
5
no_sof
0
1: No SOF PICC to PCD
According to ISO14443-3 chapter 7.10.3.3.
Support of B’.
4
no_eof
0
1: No EOF PICC to PCD
According to ISO14443-3 chapter 7.10.3.3.
Supported only in coherent reception mode.
3RFU
0
-
-
2RFU
0
-
-
1f_p1
0
00: 48
01: 64
10: 80
11: 96
FeliCa™ preamble length (valid also for NFCIP-1
active communication bit rates 212 and 424 kb/s)
0f_p0
0
Table 29. Minimum TR1 codings
tr1_1
tr1_0
Minimum TR1 for a PICC to PCD bit rate
fc / 128
>fc / 128
0
0
80 / fs
0
1
64 / fs
32 / fs
10
Not used
11
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com