Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 23Page - STMicroelectronics ST25R3920 Datasheet HTML 24Page - STMicroelectronics ST25R3920 Datasheet HTML 25Page - STMicroelectronics ST25R3920 Datasheet HTML 26Page - STMicroelectronics ST25R3920 Datasheet HTML 27Page - STMicroelectronics ST25R3920 Datasheet HTML 28Page - STMicroelectronics ST25R3920 Datasheet HTML 29Page - STMicroelectronics ST25R3920 Datasheet HTML 30Page - STMicroelectronics ST25R3920 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
DS13261 Rev 9
27/152
ST25R3920
Application information
151
Receiver configuration register 4. Sending of direct command Reset RX Gain is necessary
to initialize the AGC, Squelch and RSSI block. Sending this command clears the current
Squelch setting and loads the manual gain reduction from Receiver configuration register 4.
Second stage has a second order low-pass filtering characteristic, the pass band is adjusted
according to subcarrier frequency using the bits lp2 to lp0 of the Receiver configuration
register 1. See Table 3 for -1 dB cut-off frequency for different settings.
Digitizing stage
The digitizing stage produces a digital representation of the sub-carrier signal coming from
the receiver. This digital signal is then processed by the receiver framing logic. The digitizing
stage consists of a window comparator with adjustable digitizing window (five possible
settings, 3 dB steps, adjustment range from ±33 to ±120 mV). The adjustment of the
digitizing window is included in the AGC and Squelch loops. The digitizing window can also
be set manually in the Receiver configuration register 4.
AGC, Squelch and RSSI
As mentioned above, the second and third gain stage gain and the digitizing stage window
are included in the AGC and Squelch loops. Eleven settings are available. The default state
features minimum digitizer window and maximum gain. The first four steps increase the
digitizer window in 3 dB steps, the next six steps reduce the gain in the second and third
gain stage, again in 3 dB steps. The initial start setting for Squelch and AGC is defined in
Receiver configuration register 4. The Gain reduction state register displays the actual state
of gain resulting from Squelch, AGC and initial settings in Receiver configuration register 4.
Squelch
This feature is designed for operation in noisy environments. The noise can be
misinterpreted as the start of tag response, resulting in decoding errors.
Automatic squelch is enabled by option bit sqm_dyn in the Receiver configuration register 2.
It is activated automatically 18.88 µs after end of TX and is terminated at the moment the
Mask receive timer (MRT) reaches the value defined in the Squelch timer register. This
mode is primarily intended to suppress noise generated by tag processing during the time
when the tag response is not expected (covered by MRT).
Squelch can operate in two modes, namely with ratios 1 and 6, selectable by pulz_61 bit in
the Receiver configuration register 2.
Squelch ratio 1 means that system observes the subcarrier signal from the main digitizer
and decrease the system gain to decrease the frequency of transitions. If there are more
than two transitions on this output in a 50 μs time period, gain is reduced by 3 dB and output
is observed during the following 50 μs. This procedure is repeated until number of
transitions in 50 μs is lower or equal to 2 or until the maximum gain reduction is reached.
This mode is intended for protocols where digitized subcarrier outputs are used.
Squelch ratio 6 means the system similarly observes and decreases the frequency seen at
the window comparator set to 6 times the digitizing window. This mode is intended for
protocols where output from correlators are used (ISO-A, ISO-B correlated reception).
The gain setting acquired by squelch is cleared by sending direct command Reset RX gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com