Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 25Page - STMicroelectronics ST25R3920 Datasheet HTML 26Page - STMicroelectronics ST25R3920 Datasheet HTML 27Page - STMicroelectronics ST25R3920 Datasheet HTML 28Page - STMicroelectronics ST25R3920 Datasheet HTML 29Page - STMicroelectronics ST25R3920 Datasheet HTML 30Page - STMicroelectronics ST25R3920 Datasheet HTML 31Page - STMicroelectronics ST25R3920 Datasheet HTML 32Page - STMicroelectronics ST25R3920 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 152 page
background image
DS13261 Rev 9
29/152
ST25R3920
Application information
151
Clock extractor
The clock extractor observes the RFI1 and RFI2 differential signal and provides a clock
signal synchronous with the incoming RF field. The extracted clock is used for synchronous
demodulation, for correct frame delay time and for correct data timing during passive
transmission. The clock extractor is active down to 60 mVPP input signal.
4.2.3
Antenna tuning
The ST25R3920 support antenna tuning through external variable capacitors. The variable
capacitor is connected on its position in the matching network, and the tuning control
voltage is connected to one of the control output pins (AAT_A, AAT_B).
The variable capacitors can be connected in series and parallel configurations in the
matching network. Further information on the various configuration options can be found in
the application note AN5322, available on www.st.com.
The phase and amplitude detector block is used for resonance frequency checking. The
algorithm in the MCU evaluates the result and adjusts the tuning voltages at AAT_A and
AAT_B output pins via the Antenna tuning control register 1 and Antenna tuning control
register 2 according to the procedure in the MCU firmware.
The AAT_A/B pin voltages are actively set according to Antenna tuning control register 1
and Antenna tuning control register 2 when en and aat_en option bits are both set.
If aat_en=1 and en=0, the AAT_A/B voltages are set to a fixed value between 1.5 and 2.2 V
(typically 1.9 V).
4.2.4
Capacitive sensor
The capacitive sensor enables measuring a capacitance between two pads, it can be
usedfor applications with low power wakeup requirement. The capacitive sensor reacts to
changes induced to the capacitive field by objects, or by a finger or a hand.
The capacitive measurement system comprises two electrodes, one is the excitation
electrode emitting an electrical field of a fixed frequency in the range of a few hundred kHz
(CSO), and the second one is the sensing electrode (CSI). The amount of charge generated
in the sensing electrode represents the capacitance between the two electrodes. The
capacitive sensor electrodes are tolerant to parasitic capacitance to ground (up to 25 pF)
and to input leakage (up to 1 MΩ).
As the charge on the sensing electrode is generated with the frequency of the excitation
electrode, a synchronous rectifier is used to detect it. This ensures good rejection of
interference and high tolerance to parasitic capacitances (to all nodes except the excitation
electrode). The synchronous rectifier output is a DC voltage linearly proportional to the
capacitance between the excitation and sensing electrode. The output DC voltage is
converted by the A/D converter in absolute mode. The result is stored in the A/D converter
output register (see also Section 2.2.5: A/D converter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com