Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 37Page - STMicroelectronics ST25R3920 Datasheet HTML 38Page - STMicroelectronics ST25R3920 Datasheet HTML 39Page - STMicroelectronics ST25R3920 Datasheet HTML 40Page - STMicroelectronics ST25R3920 Datasheet HTML 41Page - STMicroelectronics ST25R3920 Datasheet HTML 42Page - STMicroelectronics ST25R3920 Datasheet HTML 43Page - STMicroelectronics ST25R3920 Datasheet HTML 44Page - STMicroelectronics ST25R3920 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
DS13261 Rev 9
41/152
ST25R3920
Application information
151
(5 ms for ISO14443) requiring that the reader field must be turned on for some time before
first command is sent. General purpose timer can be used to count this time or NFC Field
On command with a defined time by the NFC field on guard timer register.
Preparation and execution of a transceive sequence:
•
Execute the direct command Stop all activities
•
Execute the direct command Reset RX gain
•
Configure the timers accordingly
•
Define the number of transmitted bytes in the Number of transmitted bytes register 1
and Number of transmitted bytes register 2
•
Write the bytes to be transmitted in the FIFO (not in the case of direct commands
REQA and WUPA)
•
Send one of the commands Transmit with CRC, Transmit without CRC, Transmit
REQA or Transmit WUPA
•
When all the data is transmitted an interrupt is sent to inform the microcontroller that
the transmission is finished (IRQ due to end of transmission)
After the transmission is executed, the ST25R3920 receiver automatically starts to observe
the RFI inputs to detect a transponder response. The RSSI and AGC (in case it is enabled)
are started. The framing block processes the subcarrier signal from receiver and fills the
FIFO with data. When the reception is finished and all the data is in the FIFO an interrupt is
sent to the microcontroller (IRQ due to end of receive), and the FIFO status register 1 and
FIFO status register 1 display the number of bytes in the FIFO so the microcontroller can
proceed with data download.
If an error or bit collision is detected during reception, an interrupt with appropriate flag is
sent, and the microcontroller must take appropriate action.
When data packets longer than FIFO have to be transmitted the sequence detailed above
changes.
The FIFO is prepared with data before the transmission starts. An interrupt is sent during the
transmission to signal when the remaining number of bytes is lower than the water level
(IRQ due to FIFO water level). The microcontroller then adds more data in the FIFO. When
all the data are transmitted an interrupt is sent to inform the microcontroller that the
transmission is finished.
The situation during reception time is similar. When the FIFO is loaded with more data than
the receive water level, an interrupt is sent and the microcontroller reads the data from the
FIFO. When the reception is finished an interrupt is sent to the microcontroller (IRQ due to
end of receive) the FIFO status register 1 and FIFO status register 1 display the number of
bytes in the FIFO still to be read.
4.2.14
Listen mode
The ST25R3920 listen/target mode is activated by setting to 1 bit targ in the Mode definition
register. There are various target or listening modes implemented depending on setting of
the om<3:0> bits, refer to Table 22: Target operation modes.
The main modes are
•
NFCIP-1 active target
•
Passive target used for Card mode and NFCIP-1 passive target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com