Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 30Page - STMicroelectronics ST25R3920 Datasheet HTML 31Page - STMicroelectronics ST25R3920 Datasheet HTML 32Page - STMicroelectronics ST25R3920 Datasheet HTML 33Page - STMicroelectronics ST25R3920 Datasheet HTML 34Page - STMicroelectronics ST25R3920 Datasheet HTML 35Page - STMicroelectronics ST25R3920 Datasheet HTML 36Page - STMicroelectronics ST25R3920 Datasheet HTML 37Page - STMicroelectronics ST25R3920 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
Application information
ST25R3920
34/152
DS13261 Rev 9
The NRT can also be started using direct command Start No-response timer. The intention
of this command is to extend the No-response timer timeout beyond the range defined in the
No-response timer control registers. If this command is sent while the timer is running, it is
reset and restarted.
The NRT can be terminated using direct command Stop No-response Timer or Stop all
activities. The timer is terminated and no IRQ is sent. It is expected to be used in the
nrt_emv mode, when the incoming reception does not stop the No-response timer.
In the NFCIP-1 active communication mode the NRT role is similar to operation in the
normal Reader mode. If the NRT expires before the start of a response is detected an IRQ is
produced and the receiver is disabled. There are two modes available:
•
nrt_nfc = 0
–
The timer is started when the device TX field is switched off, using a general
purpose timer.
–
The operation is valid for active initiator and target modes as well as for bit rate
detection mode.
•
nrt_nfc = 1
–
The timer is started when the peer field is turned on.
–
Operation is valid for Active initiator and Active target modes.
For Bit rate detection mode the timer is not started at peer field on as, in case of migration
from Bit rate detection mode to Active target mode, the MCU has to reconfigure the device
to Active target mode prior field on.
In the NFCIP-1 Passive target the No-response timer has no task and is not automatically
started.
PPON2 timer
This timer is not used in Reader mode.
In NFCIP-1 mode this timer is automatically started when the transmitter is turned off after
the message has been sent. If this timer expires before the peer NFC device
(TFADT +n*TRFW) field-on is detected, an I_ppon2 IRQ is sent.
If the external RF field is detected on time, the timer is stopped and no IRQ is sent.
Time is defined in the PPON2 field waiting register.
General purpose (GP) timer
The triggering of the this timer is configured by setting the Timer and EMV® control register.
It can be used to survey the duration of reception process (triggering by start of reception,
after SOF) or to time out the PCD to PICC response time (triggered by end of reception,
after EOF).
In the NFCIP-1 active communication mode it is used to timeout the field switching off. In all
cases an IRQ is sent when it expires.
The GP timer can also be started by sending the direct command Start General purpose
timer. If this command is sent while the timer is running, it is reset and restarted.
Wake-up (WU) timer
This timer is primarily used in the Wake-up mode, it can be used by sending the direct
command Start Wake-up Timer. This command is accepted in any operation mode except



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com