Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3920 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 42Page - STMicroelectronics ST25R3920 Datasheet HTML 43Page - STMicroelectronics ST25R3920 Datasheet HTML 44Page - STMicroelectronics ST25R3920 Datasheet HTML 45Page - STMicroelectronics ST25R3920 Datasheet HTML 46Page - STMicroelectronics ST25R3920 Datasheet HTML 47Page - STMicroelectronics ST25R3920 Datasheet HTML 48Page - STMicroelectronics ST25R3920 Datasheet HTML 49Page - STMicroelectronics ST25R3920 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
Application information
ST25R3920
46/152
DS13261 Rev 9
MISO pin is updated on the rising edge of the SCLK signal. Data are transferred byte-wise,
most significant bit first. Read and Write commands support an address auto increment to
reduce communication time. Table 8 provides an overview of the SPI signals.
The MISO output is in tristate as long as no output data is available. Due to this the MOSI
and the MISO can be externally shorted to create a three-wire SPI. During the time the
MISO output is in tristate, it is also possible to switch on a 10 kΩ pull down by activating
option bits miso_pd1 and miso_pd2 in the IO configuration register 2.
Figure 10. Exchange of signals with a microcontroller
The first two bits of the first byte transmitted after the BSS high to low transition define the
SPI operation mode. All Read and Write modes support address auto incrementing, which
means that if, after the address and first data byte some additional data bytes are sent (or
read), they are written to (or read from) addresses incremented by 1.
Table 9 shows available SPI operation modes. Register read and write operations are
possible in all ST25R3920 operation modes. FIFO and PT_memory operations are possible
in case en (bit 7 of the Operation control register) is set and the crystal oscillator is stable.
Some direct commands are accepted in all operation modes, others require en (bit 7 of the
Operation control register) to be set and the crystal oscillator to be stable (see Table 11).
Table 8. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
I2C_EN
Digital input
CMOS
Pull to GND for SPI operation
BSS
Digital input
Active low - Slave select
MOSI
Digital input
Master out - Slave in (MCU → ST25R3920)
MISO
Digital output with tristate
Master in - Slave out (ST25R3920 → MCU)
SCLK
Digital input
Serial clock
IRQ
Digital output
Active high - Interrupt output pin
MS53529V1
MOSI
MISO
I/O
MOSI
MISO
MISO
MOSI
Separate SPI input and
output signals to MCU
Bidirectional data
IO signal to MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com